Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM61512AS-20 Datasheet(PDF) 4 Page - UMC Corporation

Part # UM61512AS-20
Description  64K X 8 BIT HIGH SPEED CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation

UM61512AS-20 Datasheet(HTML) 4 Page - UMC Corporation

  UM61512AS-20 Datasheet HTML 1Page - UMC Corporation UM61512AS-20 Datasheet HTML 2Page - UMC Corporation UM61512AS-20 Datasheet HTML 3Page - UMC Corporation UM61512AS-20 Datasheet HTML 4Page - UMC Corporation UM61512AS-20 Datasheet HTML 5Page - UMC Corporation UM61512AS-20 Datasheet HTML 6Page - UMC Corporation UM61512AS-20 Datasheet HTML 7Page - UMC Corporation UM61512AS-20 Datasheet HTML 8Page - UMC Corporation UM61512AS-20 Datasheet HTML 9Page - UMC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UM61512A
4
Truth Table
Mode
CE1
CE2
OE
WE
I/O Operation
Supply Current
Standby
H
X
X
X
High Z
ISB, ISB1
X
L
X
X
High Z
ISB, ISB2
Output Disable
L
H
H
H
High Z
ICC1
Read
L
H
L
H
DOUT
ICC1
Write
L
H
X
L
DIN
ICC1
Note: X = H or L
Capacitance (TA = 25
°C, f = 1.0 MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN *
Input Capacitance
8
pF
VIN = 0V
CI/O *
Input/Output Capacitance
10
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.
AC Characteristics (TA = 0
°C to +70°C, VCC = 5V ± 10%)
Symbol
Parameter
UM61512A-15
UM61512A-20
UM61512A-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
15
-
20
-
25
-
ns
tAA
Address Access Time
-
15
-
20
-
25
ns
tACE1
Chip Enable Access Time
CE1
-
15
-
20
-
25
ns
tACE2
CE2
-
15
-
20
-
25
ns
tOE
Output Enable to Output Valid
-
7
-
9
-
12
ns
tCLZ1
Chip Enable to Output in Low Z
CE1
5
-
5
-
5
-
ns
tCLZ2
CE2
5
-
5
*
5
-
ns
tOLZ
Output Enable to Output in Low Z
2
-
2
-
2
-
ns
tCHZ1
Chip Disable to Output in High Z
CE1
-
10
-
10
-
15
ns
tCHZ2
CE2
-
10
-
10
-
15
ns
tOHZ
Output Disable to Output in High Z
2
9
2
9
2
10
ns
tOH
Output Hold from Address Change
3
-
5
-
5
-
ns


Similar Part No. - UM61512AS-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM615 ETC1-UM615 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
More results

Similar Description - UM61512AS-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com