Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM89516IHHJV Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc

Part # SM89516IHHJV
Description  8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516IHHJV Datasheet(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM89516IHHJV Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89516IHHJV Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516IHHJV Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516IHHJV Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516IHHJV Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516IHHJV Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516IHHJV Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516IHHJV Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516IHHJV Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
8/19
Ver 1.3
PID 89516 05/01
SyncMOS Technologies Inc.
SM89516
Watch Dog Timer Registers - WDT Control Register (WDTC, $9F)
WDTE: Watch Dog Timer enable bit
CLEAR: Watch Dog Timer reset bit
PS2 ~ PS0: clock source divider selection bit
PS [2:0]
Divider (OSC in)
Time Period (ms) @40MHz
000
8
13.1
001
16
26.21
010
32
52.42
011
64
104.8
100
128
209.71
101
256
419.43
110
512
838.86
111
1024
1677.72
System Control Register (SCONF, $BF)
The bit 7(WDR) of SCONF is Watch Dog Timer Reset bit. It will be set to 1 when reset signal generated
by WDT overflow. User should check WDR bit whenever un-predicted reset happened.
Reduce EMI Function
The SM89516 allows user to reduce the EMI emission by setting 1 to the bit 0 (ALEI) of SCONF register. This
function will inhibit the clock signal in Fosc/6Hz output to the ALE pin. This function is available when there is
no external program memory or no external data RAM in the system.
WDTE
Unused
CLEAR
Unused
Unused
PS2
PS1
PS0
0
*
0
*
*
0
0
0
WDR
Unused
Unused
Unused
Unused
Unused
OME
ALEI
0
*
*
*
*
*
1
0
Reset
value
MSB
LSB
Reset
value
MSB
LSB
WDR: Watch Dog Timer Reset. When system reset by Watch Dog Timer overflow, WDR will be set to 1
OME: 768 bytes on-chip RAM enable bit
ALEI: ALE output inhibit bit, to reduce EMI


Similar Part No. - SM89516IHHJV

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results

Similar Description - SM89516IHHJV

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com