Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7157 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7157
Description  Integrated Circuit Low Frequency Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7157 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7157 Datasheet HTML 1Page - NTE Electronics NTE7157 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7157
Integrated Circuit
Low Frequency Power Amplifier
Description:
The NTE7157 is an audio power integrated circuit in a 16–Lead DIP type package with built–in two
channels designed for use in a portable radio cassette tape recorder with power ON/OFF switch.
Features:
D High Power:
POUT = 2.5W/Ch Typ (VCC = 9V, RL = 4Ω, f = 1kHz, THD = 10%)
POUT = 3.0W/Ch Typ (VCC = 9V, RL = 3Ω, f = 1kHz, THD = 10%)
D Voltage Gain:
GV = 45.0dB Typ (Rf = 120Ω, f = 1kHz)
GV = 56.5dB Typ (Rf = 0Ω, f = 1kHz)
D Small Quiescent Current: ICCQ = 21mA Typ (VCC = 9V, VIN = 0)
D Ripple Rejection Ratio: RR = –52dB Typ (VCC = 9V, fripple = 100Hz, Rg = 600Ω)
D Crosstalk: CT = –50dB Typ (VCC = 9V, f = 1kHz, Rg = 600Ω)
D Output Noise Voltage: Vno = 0.3mVrms Typ (VCC = 9V, Rg = 10kΩ, BW = 20Hz to 20kHz)
D Stand–By Switch
D Soft Clip
D Built–In Thermal Shut Down Protection Circuit
D Operating Supply Voltage Range: VCC(opr) = 5V to 12V (TA = +25°C)
D Low Popping Noise at Power ON
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
DC Supply Voltage, VCC
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current (Peak/Ch), IO(peak)
2.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Note 1), PD
4.0W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–25
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Value for mounting on PC board.


Similar Part No. - NTE7157

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE715 NTE-NTE715 Datasheet
24Kb / 2P
   Integrated Circuit TV Chroma IF Amp
NTE7150 NTE-NTE7150 Datasheet
59Kb / 8P
   Integrated Circuit Video, Chroma, and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions
NTE7151 NTE-NTE7151 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
NTE7152 NTE-NTE7152 Datasheet
27Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE7153 NTE-NTE7153 Datasheet
27Kb / 2P
   Integrated Circuit Vertical Deflection Output Circuit
More results

Similar Description - NTE7157

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA8207K KEC-KIA8207K Datasheet
205Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW FREQUENCY POWER AMPLIFIER)
logo
NTE Electronics
NTE928M NTE-NTE928M Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
logo
Panasonic Semiconductor
AN7135 PANASONIC-AN7135 Datasheet
60Kb / 4P
   Dual 7.5W Low Frequency Power Amplifier Circuit
logo
NTE Electronics
NTE7155 NTE-NTE7155 Datasheet
33Kb / 3P
   Integrated Circuit Dual Low-Voltage Power Amplifier
NTE928S NTE-NTE928S Datasheet
27Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE1468 NTE-NTE1468 Datasheet
21Kb / 2P
   Integrated Circuit Audio, Low Power Output Amplifier
NTE887M NTE-NTE887M Datasheet
28Kb / 3P
   Integrated Circuit Low Power, JFET OP Amplifier
NTE888M NTE-NTE888M Datasheet
25Kb / 3P
   Integrated Circuit Low Power Programmable Operational Amplifier
NTE906 NTE-NTE906 Datasheet
30Kb / 3P
   Integrated Circuit Dual, High Frequency, Differential Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com