Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ1031C3DC.20S Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ1031C3DC.20S
Description  CIT RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1031C3DC.20S Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ1031C3DC.20S Datasheet HTML 1Page - CIT Relay & Switch WJ1031C3DC.20S Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Low coil power consumption
High Sensitivity
Conforms to FCC part 68
PC board mounting
Small size, light weight
E197851
12.5 x 7.5 x 10.0 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1C = SPDT
Contact Rating
0.5A @ 125VAC, Resistive, 100K Cycles
1A @ 30VDC, Resistive, 100K Cycles
0.3A @ 60VDC, Resistive, 100K Cycles
Contact Resistance
< 50 milliohms initial
Contact Material
Ag + Au
Maximum Switching Power
30W
Maximum Switching Voltage
125VAC, 60VDC
Maximum Switching Current
2 Amps
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
.15W
.20W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
3
3.9
60
45
2.25
0.3
5
6.5
167
125
3.75
0.5
6
7.8
240
180
4.50
0.6
9
11.7
540
405
6.75
0.9
12
15.6
960
720
9.00
1.2
24
31.2
3840
2880
18.00
2.4
.15
.20
4.5
1.5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
5M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1500V rms min. @ sea level
1000V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
3.30mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
5N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
2.2g
WJ103


Similar Part No. - WJ1031C3DC.20S

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WJ10050-100 LSTD-WJ10050-100 Datasheet
103Kb / 1P
   this print is the property of laird tech
WJ10050-300 LSTD-WJ10050-300 Datasheet
102Kb / 1P
   this print is the property of laird tech
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
   Switching capacity up to 5A
WJ1011AS12VDC CIT-WJ1011AS12VDC Datasheet
147Kb / 2P
   Switching capacity up to 5A
WJ1011AS24VDC CIT-WJ1011AS24VDC Datasheet
147Kb / 2P
   Switching capacity up to 5A
More results

Similar Description - WJ1031C3DC.20S

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ151 CIT-WJ151 Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
   CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
CIT Relay & Switch
MS1201 CIT-MS1201 Datasheet
119Kb / 1P
   CIT SWITCH
MS1202 CIT-MS1202 Datasheet
121Kb / 1P
   CIT SWITCH
MS1270 CIT-MS1270 Datasheet
110Kb / 1P
   CIT SWITCH
MS2202 CIT-MS2202 Datasheet
125Kb / 1P
   CIT SWITCH
MS2215 CIT-MS2215 Datasheet
125Kb / 1P
   CIT SWITCH
MS4208 CIT-MS4208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102VS CIT-CT1102VS Datasheet
172Kb / 2P
   CIT SWITCH
LP2203 CIT-LP2203 Datasheet
271Kb / 3P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com