Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC62WV0256AI-70 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UC62WV0256AI-70
Description  Low Power CMOS SRAM 32K X8 Bits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC62WV0256AI-70 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UC62WV0256AI-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62WV0256AI-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62WV0256AI-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62WV0256AI-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62WV0256AI-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62WV0256AI-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62WV0256AI-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62WV0256AI-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC62WV0256AI-70 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Low Power CMOS SRAM
32K X8 Bits
UC62WV0256
-35/-55/-70
ORDERING INFORMATION
UC62WV0256AB -- YY
A => PACKAGE
A
: DICE
B
: 28 SOP – 330mil
C
: 28 TSOP – 8X13.4mm
D
: 28 PDIP – 600mil
E
: 28 SOJ – 300mil
B => GRADE
C
:COMMERCIAL; 0 ~ 70℃
I
: INDUSTRIAL; -25 ~ 85℃
YY => SPEED
70 : 70ns
55 : 55ns
35 : 35ns
PACKAGE DIMENSIONS
A
A
L
L1
7°(4X)
θ
b
WITH PLATING
c1
c
b1
DETAIL "A" (2:1)
SECTION A-A
BASE METAL
SOP - 28
0.020±0.005X45"
"A"
28
15
14
1
D
e
b
Seating Plane "y"
UNIT
SYMBOL
INCH
MM
A1
0.009±0.005
0.226±0.124
A
0.106±0.006
2.692±0.152
A2
0.098±0.005
2.489±0.127
b
0.014 ~ 0.020
0.35 ~ 0.50
c
0.008 ~ 0.012
0.20 ~ 0.32
b1
0.014 ~ 0.020
0.35 ~ 0.45
D
0.713±0.005
18.110±0.127
c1
0.008 ~ 0.011
0.20 ~ 0.28
E1
0.465±0.012
11.811±0.305
E
0.331±0.005
8.407±0.127
e
0.050±0.006
1.270±0.152
L1
0.0677±0.0079
1.72±0.2
L
0.0380±0.0104
0.964±0.264
0° ~ 10°
0° ~ 10°
y
0.004 Max.
0.1 Max.
θ
U-Chip Technology Corp. LTD.
Revision 2.0
Reserves the right to modify document contents without notice.
PAGE
8


Similar Part No. - UC62WV0256AI-70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC62130G-AF5-R UTC-UC62130G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62133G-AF5-R UTC-UC62133G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62140G-AF5-R UTC-UC62140G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62150G-AF5-R UTC-UC62150G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
More results

Similar Description - UC62WV0256AI-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Alliance Semiconductor ...
AS6C1616-55TINL ALSC-AS6C1616-55TINL Datasheet
421Kb / 11P
   16M Bits LOW POWER CMOS SRAM
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com