Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U62H256AS2K35G1 Datasheet(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

Part # U62H256AS2K35G1
Description  AUTOMOTIVE FAST 32K X 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U62H256AS2K35G1 Datasheet(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  U62H256AS2K35G1 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U62H256AS2K35G1 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U62H256AS2K35G1 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U62H256AS2K35G1 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U62H256AS2K35G1 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U62H256AS2K35G1 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U62H256AS2K35G1 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U62H256AS2K35G1 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U62H256AS2K35G1 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
April 20, 2004
U62H256A
Switching Characteristics
Read Cycle
Symbol
35
55
Unit
Alt.
IEC
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
tcR
35
55
ns
Address Access Time to Data Valid
tAA
ta(A)
35
55
ns
Chip Enable Access Time to Data Valid
tACE
ta(E)
35
55
ns
G LOW to Data Valid
tOE
ta(G)
15
25
ns
E HIGH to Output in High-Z
tHZCE
tdis(E)
15
20
ns
G HIGH to Output in High-Z
tHZOE
tdis(G)
12
15
ns
E LOW to Output in Low-Z
tLZCE
ten(E)
33
ns
G LOW to Output in Low-Z
tLZOE
ten(G)
00
ns
Output Hold Time from Address Change
tOH
tv(A)
33
ns
E LOW to Power-Up Time
tPU
00
ns
E HIGH to Power-Down Time
tPD
35
55
ns
Switching Characteristics
Write Cycle
Symbol
35
55
Unit
Alt.
IEC
Min.
Max.
Min.
Max.
Write Cycle Time
tWC
tcW
35
55
ns
Write Pulse Width
tWP
tw(W)
20
35
ns
Write Setup Time
tWP
tsu(W)
20
35
ns
Address Setup Time
tAS
tsu(A)
00
ns
Address Valid to End of Write
tAW
tsu(A-WH)
25
40
ns
Chip Enable Setup Time
tCW
tsu(E)
25
40
ns
Pulse Width Chip Enable to End of Write
tCW
tw(E)
25
40
ns
Data Setup Time
tDS
tsu(D)
15
25
ns
Data Hold Time
tDH
th(D)
00
ns
Address Hold from End of Write
tAH
th(A)
00
ns
W LOW to Output in High-Z
tHZWE
tdis(W)
15
20
ns
G HIGH to Output in High-Z
tHZOE
tdis(G)
12
15
ns
W HIGH to Output in Low-Z
tLZWE
ten(W)
00
ns
G LOW to Output in Low-Z
tLZOE
ten(G)
00
ns


Similar Part No. - U62H256AS2K35G1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35 ZMD-U62H64SA35 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35G1 ZMD-U62H64SA35G1 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35L ZMD-U62H64SA35L Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35LG1 ZMD-U62H64SA35LG1 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
More results

Similar Description - U62H256AS2K35G1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
UL62H256A ZMD-UL62H256A Datasheet
161Kb / 10P
   Low Voltage Automotive Fast 32K x 8 SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com