Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC37M31 Datasheet(PDF) 3 Page - NEC

Part # UPC37M31
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC37M31 Datasheet(HTML) 3 Page - NEC

  UPC37M31 Datasheet HTML 1Page - NEC UPC37M31 Datasheet HTML 2Page - NEC UPC37M31 Datasheet HTML 3Page - NEC UPC37M31 Datasheet HTML 4Page - NEC UPC37M31 Datasheet HTML 5Page - NEC UPC37M31 Datasheet HTML 6Page - NEC UPC37M31 Datasheet HTML 7Page - NEC UPC37M31 Datasheet HTML 8Page - NEC UPC37M31 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet G16444EJ1V0DS
3
µµµµPC37M31,37M32
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input Voltage
VIN
4.5
6.0
V
Output Current 1
IO1
00.5
A
Output Current 2
IO2
00.3
A
Operating Ambient Temperature
TA
−40
+85
°C
Operating Junction Temperature
TJ
−40
+125
°C
Caution Use of conditions other than the above-listed recommended operating conditions is not a problem
as long as the absolute maximum ratings are not exceeded.
However, since the use of such
conditions diminishes the margin of safety, careful evaluation is required before such conditions
are used. Moreover, using the MAX. value for all the recommended operating conditions is not
guaranteed to be safe.
ELECTRICAL CHARACTERISTICS
µµµµ PC37M31 (TJ = 25°C, VIN = 5 V, IO1 = 0.5 A, IO2 = 0.3 A, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
OUTPUT1
Output Voltage 1
VO1
3.234
3.3
3.366
V
(3.3 V)
Line Regulation 1
REGIN1
4.5 V
≤ VIN ≤ 6.0 V
29
mV
Load Regulation 1
REGL1
5 mA
≤ IO ≤ 1 A
20
66
mV
Output Noise Voltage 1
Vn1
10 Hz
≤ IO ≤ 100 kHz
76
µVr.m.s.
Ripple Rejection 1
R•R1
f = 120 Hz, 4.5 V
≤ VIN ≤ 6.0 V
57
dB
Short Circuit Current 1
IOshort1
VIN = 6.0 V
0.5
A
Peak Output Current 1
IOpeak1
VIN = 5.0 V
1.0
1.4
A
Temperature Coefficient of
∆VO1/∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
−− 0.4
mV/
°C
Output Voltage 1
OUTPUT2
Output Voltage 2
VO2
1.764
1.8
1.836
V
(1.8 V)
Line Regulation 2
REGIN2
4.5 V
≤ VIN ≤ 6.0 V
29
mV
Load Regulation 2
REGL2
5 mA
≤ IO ≤ 0.5 A
17
50
mV
Output Noise Voltage 2
Vn2
10 Hz
≤ IO ≤ 100 kHz
60
µVr.m.s.
Ripple Rejection 2
R•R2
f = 120 Hz, 4.5 V
≤ VIN ≤ 6.0 V
60
dB
Short Circuit Current 2
IOshort2
VIN = 6.0 V
0.3
A
Peak Output Current 2
IOpeak2
VIN = 5.0 V
0.5
0.8
A
Temperature Coefficient of
∆VO2/∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
−− 0.4
mV/
°C
Output Voltage 2
Total
Quiescent Current
IBIAS
IO1 = 0 A, IO2 = 0 A
48
mA
Startup Quiescent Current
IBIAS (S)
VIN = 1.7 V, IO1 = 0 A, IO2 = 0 A
740
mA
Dropout Voltage
VDIF1
IO1 = 0.5 A
0.6
1.0
V
(INPUT to OUTPUT1)


Similar Part No. - UPC37M31

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC37MXX RENESAS-UPC37MXX Datasheet
376Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC37M31

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com