Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U840B Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U840B
Description  Digital / Wipe-Wash Control for Rear or Front Wiper
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U840B Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U840B Datasheet HTML 1Page - TEMIC Semiconductors U840B Datasheet HTML 2Page - TEMIC Semiconductors U840B Datasheet HTML 3Page - TEMIC Semiconductors U840B Datasheet HTML 4Page - TEMIC Semiconductors U840B Datasheet HTML 5Page - TEMIC Semiconductors U840B Datasheet HTML 6Page - TEMIC Semiconductors U840B Datasheet HTML 7Page - TEMIC Semiconductors U840B Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
U840B
TELEFUNKEN Semiconductors
Rev. A2, 03-Feb-97
5 (8)
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
t = 60 s
t = 1 h
VS
VS
24
18
V
V
Ambient temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +125
°C
max. junction temperature
TJ
150
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP8
SO8
RthJA
RthJA
110
160
K/W
K/W
Electrical Characteristics
VBatt = 13.5 V, Tamb = 25°C, reference point ground (Pin 7) circuit with recommended external circuitry
Parameters
Test Conditions / Pin
Symbol
Min.
Typ.
Max.
Unit
Supply
Supply voltage range
VS
9
16
V
Supply current, all push-
buttons open
I6
3
mA
Undervoltage threshold
POR
V6
4
V
Series resistance
RV
180
W
Filter capacitance
CS
47
mF
Internal Z-diode
V6
14
V
INT input (Pin 1)
Protective diode
V1
14
V
Internal capacitance
C1
25
pF
External resistance
RINT
1
k
W
Leakage resistance
RL
40
60
k
W
PP input (Pin 4)
Protective diode
V4
14
V
Internal capacitance
C4
13
pF
Threshold
V4
0.5 * VS
V
Pull-down resistance
R4
120
k
W
WASH-input (Pin 5)
Protective diode
V5
14
V
Internal capacitance
C5
25
pF
Threshold
V5
0.5
VS
V
Leakage resistance
RL
10
k
W
Pull-down resistance
R5
20
k
W
Relay output with limitation of short circuit current (Pin 8)
Saturation voltage 100 mA
V8
1.0
V
Saturation voltage 200 mA
V8
1.2
V
Relay coil resistance
RREL
60
W


Similar Part No. - U840B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U840 ETC2-U840 Datasheet
94Kb / 1P
   9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
U840A ETC2-U840A Datasheet
57Kb / 1P
   TOILET TISSUE DISPENSER
More results

Similar Description - U840B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
U846B TEMIC-U846B Datasheet
201Kb / 13P
   Digital Wiper Control for Intermittent and Wipe/ Wash Mode
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
   Intemittent- and Wipe/ Wash Control for Wiper Systems
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
TEMIC Semiconductors
U2642B TEMIC-U2642B Datasheet
178Kb / 10P
   Intermittent- and Wipe/Wash Control for Wiper Systems
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
TEMIC Semiconductors
U842B TEMIC-U842B Datasheet
264Kb / 12P
   Wiper Control for Intermittent and Wipe/ Wash Mode
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com