Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR1100 Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # TR1100
Description  916.50 MHz Hybrid Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TR1100 Datasheet(HTML) 6 Page - RF Monolithics, Inc

Back Button TR1100 Datasheet HTML 2Page - RF Monolithics, Inc TR1100 Datasheet HTML 3Page - RF Monolithics, Inc TR1100 Datasheet HTML 4Page - RF Monolithics, Inc TR1100 Datasheet HTML 5Page - RF Monolithics, Inc TR1100 Datasheet HTML 6Page - RF Monolithics, Inc TR1100 Datasheet HTML 7Page - RF Monolithics, Inc TR1100 Datasheet HTML 8Page - RF Monolithics, Inc TR1100 Datasheet HTML 9Page - RF Monolithics, Inc TR1100 Datasheet HTML 10Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
signal-to-noise conditions. The threshold, or squelch, offsets the
comparator’s slicing level from 0 to 90 mV, and is set with a resistor
between the RREF and THLD1 pins. This threshold allows a trade-
off between receiver sensitivity and output noise density in the
no-signal condition. For best sensitivity, the threshold is set to 0. In
this case, noise is output continuously when no signal is present.
This, in turn, requires the circuit being driven by the RXDATA pin to
be able to process noise (and signals) continuously.
This can be a problem if RXDATA is driving a circuit that must
“sleep” when data is not present to conserve power, or when it its
necessary to minimize false interrupts to a multitasking processor.
In this case, noise can be greatly reduced by increasing the thresh-
old level, but at the expense of sensitivity. The best 3 dB bandwidth
for the low-pass filter is also affected by the threshold level setting of
DS1. The bandwidth must be increased as the threshold is in-
creased to minimize data pulse-width variations with signal ampli-
tude.
Data slicer DS2 can overcome this compromise once the signal
level is high enough to enable its operation. DS2 is a “dB-below-
peak” slicer. The peak detector charges rapidly to the peak value of
each data pulse, and decays slowly in between data pulses (1:1000
ratio). The slicer trip point can be set from 0 to 120 mV below this
peak value with a resistor between RREF and THLD2. A threshold
of 60 mV is the most common setting, which equates to “6 dB below
peak” when RFA1 and RFA2 are running a 50%-50% duty cycle.
Slicing at the “6 dB-below-peak” point reduces the signal amplitude
to data pulse-width variation, allowing a lower 3 dB filter bandwidth
to be used for improved sensitivity.
DS2 is best for ASK modulation where the transmitted waveform
has been shaped to minimize signal bandwidth (TR1100). However,
DS2 is subject to being temporarily “blinded” by strong noise pulses,
which can cause burst data errors. Note that DS1 is active when
DS2 is used, as RXDATA is the logical AND of the DS1 and DS2
outputs. DS2 can be disabled by leaving THLD2 disconnected. A
non-zero DS1 threshold is required for proper AGC operation.
AGC Control
The output of the Peak Detector also provides an AGC Reset signal
to the AGC Control function through the AGC comparator. The pur-
pose of the AGC function is to extend the dynamic range of the re-
ceiver, so that two transceivers can operate close together when
running ASK and/or high data rate modulation. The onset of satura-
tion in the output stage of RFA1 is detected and generates the AGC
Set signal to the AGC Control function. The AGC Control function
then selects the 5 dB gain mode for RFA1. The AGC Comparator
will send a reset signal when the Peak Detector output (multiplied by
0.8) falls below the threshold voltage for DS1.
A capacitor at the AGCCAP pin avoids AGC “chattering” during the
time it takes for the signal to propagate through the low-pass filter
and charge the peak detector. The AGC capacitor also allows the
hold-in time to be set longer than the peak detector decay time to
avoid AGC chattering during runs of “0” bits in the received data
stream. Note that AGC operation requires the peak detector to be
functioning, even if DS2 is not being used. AGC operation can be
defeated by connecting the AGCCAP pin to Vcc. The AGC can be
latched ON once engaged by connecting a 150 kilohm resistor be-
tween the AGCCAP pin and ground in lieu of a capacitor.
Receiver Pulse Generator and RF Amplifier Bias
The receiver amplifier-sequence operation is controlled by the Pulse
Generator & RF Amplifier Bias module, which in turn is controlled by
the PRATE and PWIDTH input pins, and the Power Down (sleep)
Control Signal from the Modulation & Bias Control function.
In the low data rate mode, the interval between the falling edge of
one RFA1 ON pulse to the rising edge of the next RFA1 ON pulse
tPRI is set by a resistor between the PRATE pin and ground. The in-
terval can be adjusted between 0.1 and 5 µs. In the high data rate
mode (selected at the PWIDTH pin) the receiver RF amplifiers oper-
ate at a nominal 50%-50% duty cycle. In this case, the start-to-start
period tPRC for ON pulses to RFA1 are controlled by the PRATE re-
sistor over a range of 0.1 to 1.1 µs.
In the low data rate mode, the PWIDTH pin sets the width of the ON
pulse tPW1 to RFA1 with a resistor to ground (the ON pulse width
tPW2 to RFA2 is set at 1.1 times the pulse width to RFA1 in the low
data rate mode). The ON pulse width tPW1 can be adjusted between
0.55 and 1 µs. However, when the PWIDTH pin is connected to Vcc
througha1M resistor, the RF amplifiers operate at a nominal
50%-50% duty cycle, facilitating high data rate operation (TR1100).
In this case, the RF amplifiers are controlled by the PRATE resistor
as described above.
Both receiver RF amplifiers are turned off by the Power Down Con-
trol Signal, which is invoked in the sleep and transmit modes.
Transmitter Chain
The transmitter chain consists of a SAW delay line oscillator fol-
lowed by a modulated buffer amplifier. The SAW filter suppresses
transmitter harmonics to the antenna. Note that the same SAW de-
vices used in the amplifier-sequenced receiver are reused in the
transmit modes.
Transmitter operation supports two modulation formats, on-off
keyed (OOK) modulation, and amplitude-shift keyed (ASK) modula-
tion which is normally used by the TR1100. When OOK modulation
is chosen, the transmitter output turns completely off between “1”
data pulses. When ASK modulation is chosen, a “1” pulse is repre-
sented by a higher transmitted power level, and a “0” is represented
by a lower transmitted power level. OOK modulation provides com-
patibility with first-generation ASH technology, and provides for
power conservation. ASK modulation must be used for high data
rates (data pulses less than 30 µs). ASK modulation also reduces
the effects of some types of interference and allows the transmitted
pulses to be shaped to control modulation bandwidth.
The modulation format is chosen by the state of the CNTRL0 and
the CNTRL1 mode control pins, as discussed below. When either
modulation format is chosen, the receiver RF amplifiers are turned
off. In the OOK mode, the delay line oscillator amplifier TXA1 and
buffer amplifier TXA2 are turned off when the voltage to the TXMOD
input falls below 220 mV. In the OOK mode, the data rate is limited
by the turn-on and turn-off times of the delay line oscillator, which
are 12 and 6 µs respectively. In the ASK mode TXA1 is biased ON
continuously, and the output of TXA2 is modulated by the TXMOD
input current. Minimum output power occurs in the ASK mode when
the modulation driver sinks about 10 µA of current from the TXMOD
pin.
The transmitter RF output power is proportional to the input current
to the TXMOD pin. A series resistor is used to adjust the peak trans-
mitter output power. 0 dBm of output power requires about 450 µA
of input current.
Transceiver Mode Control
The four transceiver operating modes – receive, transmit ASK,
transmit OOK, and power-down (sleep), are controlled by the Modu-
lation & Bias Control function, and are selected with the CNTRL1
6


Similar Part No. - TR1100

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR1100 MURATA-TR1100 Datasheet
404Kb / 12P
   916.50 MHz Hybrid Transceiver
More results

Similar Description - TR1100

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR8100 RFM-TR8100 Datasheet
502Kb / 14P
   916.50 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR8100 MURATA-TR8100 Datasheet
369Kb / 15P
   916.50 MHz Hybrid Transceiver
TR1100 MURATA-TR1100 Datasheet
404Kb / 12P
   916.50 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR1000 RFM-TR1000 Datasheet
111Kb / 12P
   916.50 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR1000 MURATA-TR1000 Datasheet
236Kb / 12P
   916.50 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TX6000 RFM-TX6000 Datasheet
73Kb / 6P
   916.50 MHz Hybrid Transmitter
RX6000 RFM-RX6000 Datasheet
75Kb / 10P
   916.50 MHz Hybrid Receiver
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
   916.50 MHz Transceiver Module
DR3000-1 RFM-DR3000-1 Datasheet
65Kb / 5P
   916.50 MHz Transceiver Module
DR3300 RFM-DR3300 Datasheet
66Kb / 5P
   916.50 MHz Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com