Part Name
         Description
NTE7150

 Integrated Circuit Video, Chroma, and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions ( 8 Page)


NTE
100% 
Zoom Out Zoom In
   
 1 page
background image
NTE7150
Integrated Circuit
Video, Chroma, and Sync. Signal Processing Circuit
for PAL/NTSC/SECAM System Color Televisions
Description:
The NTE7150 is an integrated circuit in a 64–Lead SIP type package designed for PAL/NTSC/SECAM
system color televisions involving video, chroma, and sync. signal processing circuits.
The video section contains a high–performance picture quality emphasis circuit, the chroma section
contains a PAL/NTSC/SECAM system automatic identification circuit, and the sync. section contains
a 50/60Hz automatic identification circuit. The PAL/SECAM demodulating circuit uses a baseband
signal processing system, providing an adjustment–free demodulating circuit. User control functions,
system switching, etc. are controlled via the I2C bus.
Features:
Video Section
D Sharpness Control with Internal Delay Lines
D Black Stretching Circuit
D YNR
D Variable DC Restoration Ratio
D Gamma (g) Contrast Correction
Chroma Section
D PAL/SECAM baseband Demodulation System
D Automatic Srystal Frequency Identification (4.43MHz/3.58MHz/M, N–PAL)
D Automatic Chroma System Identification (PAL/NTSC/SECAM)
D PLL SECAM Adjustment–Free Demodulation Circuit without and Tank Coils
D Built–In SECAM BELL Filter
Sync. Section
D Adjnustment–Free Horizontal and Vertical Oscillation Circuits based on Countdown System
D Automatic Vertical Frequency Identification (50/60Hz)
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PDmax
2660mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
21.2mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Amplitude, ein
5VP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Applied Voltage, Ein
GND–0.3V to VCC+0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +65°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
At Pin19, Pin36, Pin50, and Pin59
8.1
9.0
9.5
V
At Pin5
8.1
9.0
10.0
V
At Pin4
3.0
3.3
3.6
V



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TA8867ANVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS 1 2 3 4 5 MoreToshiba Semiconductor
TA8867BNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS 1 2 3 4 5 MoreToshiba Semiconductor
TA8759BNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
TA8880CNVIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS 1 2 3 4 5 MoreToshiba Semiconductor
TB1229DNVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
TB1230ANVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
TB1227CNGVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
NTE1547Integrated Circuit Video Chroma Deflection System for Color TV 1 2 3 4 5 MoreNTE Electronics
TA8845BNBUS CONTROL VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR TV 1 2 3 4 5 MoreToshiba Semiconductor
TB1226DNVIDEO CHROMA AND WYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl