Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDSO1160 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TDSO1160
Description  Standard 7- Segment Display 7 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSO1160 Datasheet(HTML) 1 Page - Vishay Siliconix

  TDSO1160 Datasheet HTML 1Page - Vishay Siliconix TDSO1160 Datasheet HTML 2Page - Vishay Siliconix TDSO1160 Datasheet HTML 3Page - Vishay Siliconix TDSO1160 Datasheet HTML 4Page - Vishay Siliconix TDSO1160 Datasheet HTML 5Page - Vishay Siliconix TDSO1160 Datasheet HTML 6Page - Vishay Siliconix TDSO1160 Datasheet HTML 7Page - Vishay Siliconix TDSO1160 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VISHAY
TDSG / O / Y11..
Document Number 83124
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
19235
Pb
Pb-free
e4
Standard 7- Segment Display 7 mm
Description
The TDS.11.. series are 7 mm character seven seg-
ment LED displays in a very compact package.
The displays are designed for a viewing distance up
to 3 meters and available in four bright colors. The
grey package surface and the evenly lighted untinted
segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity
groups. That allows users to assemble displays with
uniform appearence. Typical applications include
instruments, panel meters, point-of-sale terminals
and household equipment.
Features
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Yellow and green categorized for color
• Wide viewing angle
• Suitable for DC and high peak current
• Lead-free device
Applications
Panel meters
Test- and measure- equipment
Point-of-sale terminals
Control units
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TDSO1150/1160 , TDSY1150 , TDSG1150/1160
Part
Color, Luminous Intensity
Circuitry
TDSO1150
Orange red
Common anode
TDSO1160
Orange red
Common cathode
TDSY1150
Yellow
Common anode
TDSG1150
Green
Common anode
TDSG1160
Green
Common cathode
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage per segment
or DP
VR
6V
DC forward current per segment
or DP
TDSO1150
IF
17
mA
TDSO1160
IF
17
mA
TDSY1150
IF
17
mA
TDSG1150
IF
17
mA
TDSG1160
IF
17
mA


Similar Part No. - TDSO1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1160 VISHAY-TDSO1160 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSO1160 VISHAY-TDSO1160 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSO1160 VISHAY-TDSO1160 Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
TDSO1160 VISHAY-TDSO1160 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSO1160-KL VISHAY-TDSO1160-KL Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
More results

Similar Description - TDSO1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com