Part Name
         Description
SXA-3318B

 400-2500 MHz Balanced 1/2 W Medium Power GaAs HBT Amplifier with Active Bias ( 8 Page)


ETC
100% 
Zoom Out Zoom In
   
 6 page
background image
Preliminary
6
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 South Technology Ct., Broomfield, CO 80021
EDS-103164 Rev A
RF IN
RF OUT
X1
X1
R1 x2
R1 x2
Z=50
Ω,
EL1
C1
C2
Z=50
Ω,
EL1
C1
C2
C7
C3
C5
SXA-3318B
C4
C3
C5
C4
C3
Z=50
Ω,
EL2
C7 C3
Z=50
Ω,
EL2
1
2,3
4
5
6,7
8
V
CC
V
CC
L1
L1
Application Schematic (1960 MHz, 2140 MHz)
Evaluation Board Layout (1960 MHz, 2140 MHz)
.
s
e
D
.
f
e
Rs
e
i
r
e
S
r
o
d
n
e
Vz
H
M
0
6
9
1z
H
M
0
4
1
2.
s
e
D
.
f
e
Rs
e
i
r
e
S
r
o
d
n
e
Vz
H
M
0
6
9
1z
H
M
0
4
1
2
3
C
,
1
C8
1
H
C
M
m
h
o
R%
5
,
F
p
2
2%
5
,
F
p
2
21
LS
F
-
8
0
6
1
L
L
o
k
o
T%
5
,
H
n
8
1%
5
,
H
n
8
1
2
C8
1
H
C
M
m
h
o
RF
p
5
2
.
0
±
,
F
p
2
.
1F
p
5
2
.
0
±
,
F
p
2
.
11
L
Es
m
h
O
0
1
.
0
1
1
4
C8
1
H
C
M
m
h
o
R%
5
,
F
p
0
0
0
1%
5
,
F
p
0
0
0
12
L
Es
m
h
O
0
9
.
0
8
.
2
2
5
CH
R
L
K
4
0
1
B
J
A
T
m
h
o
R%
0
1
,
F
u
1
.
0%
0
1
,
F
u
1
.
01
Xr
e
l
p
u
o
C
a
z
n
e
r
i
SM
3
0
M
AM
3
0
M
A
7
C8
1
H
C
M
m
h
o
RF
p
5
2
.
0
±
,
F
p
0
.
1F
p
5
2
.
0
±
,
F
p
0
.
11
RJ
0
0
1
R
C
M
m
h
o
R
,
m
h
O
0
0
1
%
5
,
m
h
O
0
0
1
%
5
L1
R1 x2
Eval Board
ECB-102363 Rev. A
Balanced SOIC-8
Vcc
C2
C1
X1
Vcc
R1 x2
C5
Sirenza Microdevices
C3
C5
C4
C3
C4
C7
X1



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SXA-389400-2500 MHz ¼ W Medium Power GaAs HBT Amplifier with Active Bias 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SXB-4089400-2500 MHz 1/2 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SXA-389B400-2500 MHz ¼ W Medium Power GaAs HBT Amplifier with Active Bias 1 2 3 4 5 MoreSIRENZA MICRODEVICES
SPB-3018400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SXB-20895-2500 MHz Medium Power InGaP/GaAs HBT Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SPA-23182150 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 MoreStanford Microdevices
SBB-208950 - 850 MHz Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SPA-13182150 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 MoreStanford Microdevices
SPA-2118850 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SPA-1118850 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 SIRENZA MICRODEVICES

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl