Part Name
         Description
NTE7147

 Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster ( 4 Page)


NTE
100% 
Zoom Out Zoom In
   
 1 page
background image
NTE7147
Integrated Circuit
Full Bridge Current Driven Vertical Deflection Booster
Description:
The NTE7147 is a power amplifier in a 9–Lead SIP type package designed for use in 90 degree color
vertical deflection systems for frame frequencies of 50Hz to 160Hz. This device provides a high
CMRR current driven differential input. Due to the bridge configuration of the two output stages, DC–
coupling of the deflection coil is achieved.
Features:
D Pre–Amplifier with Differential High CMRR Current Mode Inputs
D Low Offsets
D High Linear Sawtooth Signal Amplification
D High Efficient DC–Coupled Vertical Output Bridge Circuit
D Powerless Vertical Shift
D High Deflection Frequency up to 160Hz
D Power Supply and Flyback Supply Voltage Independent Adjustable to Optimize Power
Consumption and Flyback Time
D Excellent Transition Behaviour Duriing Flyback
D Guard Circuit for Screen Protection
Absolute Maximum Ratings: (Voltage referenced to Pin5 (GND) unless otherwise specified)
Supply Voltage (Pin3), VP
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Flyback Supply Voltage (Pin7), VFB
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Flyback Supply Current, IFB
±1.8A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, V1, V2
0 to VP V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current, I1, I2
0 to
±5mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, V4, V6
0 to VP V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current (Note 1), I4, I6
0 to
±1.8A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Feedback Voltage, V9
0 to VP V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Feedback Current, I9
0 to
±5mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Guard Voltage (Note 2), V8
0 to VP+0.4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Guard Current, I8
0 to
±5mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range (Note 3), TJ
–20
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient Temperature Range, TA
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–20
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Mounting Base, RthJ–MB
4K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Handling Voltage (Note 4), Ves
–500V to +500V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Maximum output currents I4 and I6 are limited by current protection.
Note 2. For VP > 13V, the guard voltage V8 is limited to 13V.
Note 3. Internally limited by thermal protection; switching point
≥ +150°C.
Note 4. Equivalent to discharging a 200pF capacitor through a 0
Ω series resistor,



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4867JFull bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA8354QFull bridge current driven vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8359JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8357JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8358JFull bridge vertical deflection output circuit in LVDMOS with east-west amplifier 1 2 3 4 5 MoreNXP Semiconductors
NTE1396Integrated Circuit 20W Bridge Booster for Car Radio 1 2 3 NTE Electronics
NTE1289Integrated Circuit TV Vertical Deflection System 1 2 3 NTE Electronics
NTE15002Integrated Circuit Color TV Vertical Deflection Output Circuit 1 2 NTE Electronics
NTE1804Integrated Circuit Vertical Deflection Circuit for Large Screen TV 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl