Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G132DCURE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # 74LVC2G132DCURE4
Description  DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC2G132DCURE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74LVC2G132DCURE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 9Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 10Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 11Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74LVC2G132DCURE4
ACTIVE
US8
DCU
8
3000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
74LVC2G132DCUTE4
ACTIVE
US8
DCU
8
250
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G132DCTR
ACTIVE
SM8
DCT
8
3000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G132DCUR
ACTIVE
US8
DCU
8
3000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G132DCUT
ACTIVE
US8
DCU
8
250
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G132YEPR
ACTIVE
WCSP
YEP
8
3000
TBD
SNPB
Level-1-260C-UNLIM
SN74LVC2G132YZPR
ACTIVE
WCSP
YZP
8
3000
Pb-Free
(RoHS)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Jun-2005
Addendum-Page 1


Similar Part No. - 74LVC2G132DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC2G132DCURE4 TI1-74LVC2G132DCURE4 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
More results

Similar Description - 74LVC2G132DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_16 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74LVC2G132 TI-SN74LVC2G132_07 Datasheet
426Kb / 14P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
NC7WZ132 ONSEMI-NC7WZ132 Datasheet
578Kb / 12P
   UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March 2008 Rev. 1.11.0
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC1G132 TI-SN74LVC1G132_07 Datasheet
468Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G132 TI-SN74LVC1G132 Datasheet
270Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com