Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6139EU Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6139EU
Description  Wide Input, 1.3MHz Synchronous PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6139EU Datasheet(HTML) 3 Page - Sipex Corporation

  SP6139EU Datasheet HTML 1Page - Sipex Corporation SP6139EU Datasheet HTML 2Page - Sipex Corporation SP6139EU Datasheet HTML 3Page - Sipex Corporation SP6139EU Datasheet HTML 4Page - Sipex Corporation SP6139EU Datasheet HTML 5Page - Sipex Corporation SP6139EU Datasheet HTML 6Page - Sipex Corporation SP6139EU Datasheet HTML 7Page - Sipex Corporation SP6139EU Datasheet HTML 8Page - Sipex Corporation SP6139EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Date: 12/20/04
SP6139 Wide Input, 1.3MHz Synchronous PWM Controller
© Copyright 2004 Sipex Corporation
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
TIMERS: SOFTSTART
SS Charge Current:
10
µA
SS Discharge Current:
1
mA
Fault Present, SS = 0.2V
PROTECTION: SHORT CIRCUIT & THERMAL
Short Circuit Threshold Voltage
0.2
0.25
0.3
V
Measured VREF (0.8V) - VFB
Hiccup Timeout
50
ms
VFB = 0V
Number of Allowable Clock Cycles
20
Cycles
VFB = 0.7V
at 100% Duty Cycle
Minimum GL Pulse After 20 Cycles
0.5
Cycles
VFB = 0.7V
Thermal Shutdown Temperature
145
°C
Thermal Recovery Temperature
135
°C
Thermal Hysteresis
10
°C
OUTPUT: NFET GATE DRIVERS
GH & GL Rise Times
35
50
ns
Measured 10% to 90%
GH & GL Fall Times
30
40
ns
Measured 90% to 10%
GL to GH Non Overlap Time
45
70
ns
GH & GL Measured at 2.0V
SWN to GL Non Overlap Time
20
30
ns
Measured SWN = 100mV to GL = 2.0V
GH & GL Pull Down Resistance
50
KΩ
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: 0°C < TAMB < 70°C, 4.5V < VCC < 5.5V, BST=VCC,SWN = GND = 0V, UVIN = 3.0V, CVCC = 10µF,
CCOMP = 0.1µF, CGH = CGL = 3.3nF, CSS = 50nF, Typical measured at VCC=5V. The ♦ denotes the specifications which
apply over the full operating temperature range, unless otherwise specified.
PIN DESCRIPTION
PIN #
PIN NAME DESCRIPTION
1VCC
Bias Supply Input. Connect to external 5V supply. Used to power internal circuits and
low side gate driver.
2GL
High current driver output for the low side NFET switch. It is always low if GH is high or
during a fault. Resistor pull down ensure low state at low voltage.
3
GND
Ground Pin. The control circuitry of the IC and lower power driver are referenced to this
pin. Return separately from other ground traces to the (-) terminal of COUT.
4VFB
Feedback Voltage and Short Circuit Detection pin. It is the inverting input of the Error
Amplifier and serves as the output voltage feedback point for the Buck Converter. The
output voltage is sensed and can be adjusted through an external resistor divider.
Whenever VFB drops 0.25V below the positive reference, a short circuit fault is detected
and the IC enters hiccup mode.
5
COMP
Output of the Error Amplifier. It is internally connected to the non-inverting input of the
PWM comparator. An optimal filter combination is chosen and connected to this pin and
either ground or VFB to stabilize the voltage mode loop.
6
UVIN
UVLO input for VIN voltage. Connect a resistor divider between VIN and UVIN to set
minimum operating voltage.
7SS
Soft Start. Connect an external capacitor between SS and GND to set the soft start rate
based on the 10µA source current. The SS pin is held low via a 1mA (min) current during
all fault conditions.
8
SWN
Lower supply rail for the GH high-side gate driver. Connect this pin to the switching node
at the junction between the two external power MOSFET transistors.
9GH
High current driver output for the high side NFET switch. It is always low if GL is high or
during a fault. Resistor pull down ensure low state at low voltage.
10
BST
High side driver supply pin. Connect BST to the external boost diode and capacitor as
shown in the Typical Application Circuit on page 1. High side driver is connected between
BST pin and SWN pin.


Similar Part No. - SP6139EU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6139EU-L EXAR-SP6139EU-L Datasheet
733Kb / 16P
   Wide Input, 1.3MHz Synchronous PWM Step Down Controller
SP6139EU-L/TR EXAR-SP6139EU-L/TR Datasheet
733Kb / 16P
   Wide Input, 1.3MHz Synchronous PWM Step Down Controller
More results

Similar Description - SP6139EU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6139 EXAR-SP6139 Datasheet
733Kb / 16P
   Wide Input, 1.3MHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
   Wide Input, 300KHz Synchronous PWM Controller
SP6137 SIPEX-SP6137 Datasheet
142Kb / 13P
   Wide Input, 900KHz Synchronous PWM Controller
logo
Exar Corporation
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
   Wide Input, 900kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_12 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com