Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8958AC25 Datasheet(PDF) 2 Page - SyncMOS Technologies,Inc

Part # SM8958AC25
Description  8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958AC25 Datasheet(HTML) 2 Page - SyncMOS Technologies,Inc

  SM8958AC25 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
September 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
2/25
Ver 1.0 PID 8958A 09/02
SyncMOS Technologies Inc.
SM8958A
Pin Configurations
SPWM2/P1.5
SPWM3/P1.6
SPWM4/P1.7
RES
RXD/P3.0
P4.3
TXD/P3.1
#INT0/P3.2
#INT1/P3.3
T0/P3.4
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
#EA
P4.1
ALE
#PSEN
P2.7/A15
P2.6/A14
P2.5/A13
SM8958A
44L QFP
(Top View)
44 43 42 41
38 37 36 35 34
40 39
33
32
31
29
28
27
26
25
24
30
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VDD
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
#EA
ALE
#PSEN
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8
T2/P1.0
T2EX/P1.1
P1.2
SPWM0/P1.3
SPWM1/P1.4
SPWM2/P1.5
SPWM3/P1.6
SPWM4/P1.7
RES
RXD/P3.0
TXD/P3.1
#INT0/P3.2
#INT1/P3.3
T0/P3.4
T1/P3.5
#WR/P3.6
#RD/P3.7
XTAL1
XTAL2
VSS
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
10
40
39
38
37
36
35
34
33
32
31
30
28
27
26
25
24
23
22
21
29
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
#EA
P4.1
ALE
#PSEN
P2.7/A15
P2.6/A14
P2.5/A13
SPWM2/P1.5
SPWM3/P1.6
SPWM4/P1.7
RES
RXD/P3.0
P4.3
TXD/P3.1
#INT0/P3.2
#INT1/P3.3
T0/P3.4
T1/P3.5
SM8958A
44L PLCC
(Top View)
6
5
4 3 2 144 43 42 41 40 39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
T1/P3.5
ihhJ
ihhQ


Similar Part No. - SM8958AC25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958AC25 SYNCMOS-SM8958AC25 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results

Similar Description - SM8958AC25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com