Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8958AL25 Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc

Part # SM8958AL25
Description  8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958AL25 Datasheet(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM8958AL25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
September 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
8/25
Ver 1.0 PID 8958A 09/02
SyncMOS Technologies Inc.
SM8958A
BS3
BS2
BS1
BS0
040h~07fh map-
ping address
Note
0
0
0
0
000h~03fh
lower 128 byte RAM
0
0
0
1
040h~07fh
lower 128 byte RAM
0
0
1
0
080h~0bfh
higher 128 byte RAM
0
0
1
1
0c0h~0ffh
higher 128 byte RAM
0
1
0
0
0000h~003fh
on-chip expanded 768 byte RAM
0
1
0
1
0040h~007fh
0
1
1
0
0080h~00bfh
0
1
1
1
00c0h~00ffh
1
0
0
0
0100h~013fh
1
0
0
1
0140h~017fh
1
0
1
0
0180h~01bfh
1
0
1
1
01c0h~01ffh
1
1
0
0
0200h~023fh
1
1
0
1
0240h~027fh
1
1
1
0
0280h~02bfh
1
1
1
1
02c0h~02ffh
With this bank mapping scheme, user can access entire 1K byte on-chip RAM with direct addressing method. That means
using the window area ($040~$07F), user can access any bank (64 byte) data of 1K byte on-chip RAM space which is
selected by BS[3:0] of data bank control register (DBANK, $86).
For example, user write #30h to $101 address:
MOV DBANK, #88H
; set bank mapping $040~$07f to $0100~$013f
MOV A, # 30H
; store #30H to A
MOV 41H, A
; write #30H to $0101 address


Similar Part No. - SM8958AL25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958AL25 SYNCMOS-SM8958AL25 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results

Similar Description - SM8958AL25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com