Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI91861 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI91861
Description  400-mA Smart Regulator for Network Interface Card
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91861 Datasheet(HTML) 6 Page - Vishay Siliconix

  SI91861 Datasheet HTML 1Page - Vishay Siliconix SI91861 Datasheet HTML 2Page - Vishay Siliconix SI91861 Datasheet HTML 3Page - Vishay Siliconix SI91861 Datasheet HTML 4Page - Vishay Siliconix SI91861 Datasheet HTML 5Page - Vishay Siliconix SI91861 Datasheet HTML 6Page - Vishay Siliconix SI91861 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si91861
Vishay Siliconix
www.vishay.com
6
Document Number: 71637
S-40702—Rev. B, 19-Apr-04
TYPICAL WAVEFORMS
5 VIN Power Down (3.3 VAUX = 3.3 V)
5 VIN Power Up (3.3 VAUX = 3.3 V)
M 5.00 ms
M 5.00 ms
3.3 VAUX = 3.3 V
IOUT = 400 mA
3.3 VAUX = 3.3 V
IOUT = 400 mA
3.3 VOUT (100 mV/div)
3.3 VOUT (100 mV/div)
5 VIN (2 V/div)
3.3 VOUT (10 mV/div)
5 VIN (1 V/div)
3.3 VOUT (10 mV/div)
10
1 K
100 K
1 M
10 K
1
0
−20
−40
−80
100
−60
200 mV/div (offset = 3.3 V)
500 mV/div (offset = 4.2 V)
200 mV/div (offset = 3.3 V)
500 mV/div (offset = 4.3 V)
M 5.00 ms
M 5.00 ms
5 VIN = 4.5 to 5.5 V
IOUT = 150 mA
TRISE = 5 µsec
5 VIN = 5.5 to 4.5 V
IOUT = 150 mA
TTALL = 5 µsec
Line Transient −1 (5 VIN)
Line Transient −2 (5 VIN )
Power Supply Ripple Rejection vs. Frequency
Frequency (Hz)
−70
−50
−30
−10
5 VIN
5 VIN
3.3 VAUX
5 VIN = 5.0 V)
ILOAD = 150 mA
3.3 VAUX


Similar Part No. - SI91861

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91860 VISHAY-SI91860 Datasheet
142Kb / 8P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
More results

Similar Description - SI91861

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91860 VISHAY-SI91860 Datasheet
142Kb / 8P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
logo
Maxim Integrated Produc...
MAX1810 MAXIM-MAX1810 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com