Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7143 Datasheet(PDF) 1 Page - NTE Electronics

Part # 7143
Description  Integrated Circuit Audio Power Amplifier, 20W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

7143 Datasheet(HTML) 1 Page - NTE Electronics

  7143 Datasheet HTML 1Page - NTE Electronics 7143 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7143
Integrated Circuit
Audio Power Amplifier, 20W
Description:
The NTE7143 is a monolithic power amplifier in a 5–Lead TO220 type package offering very low
distortion and high quality performance for consumer audio applications.
This device delivers 20W into a 4
Ω or 8Ω load on ±25V supplies. Using an 8Ω load and ±30V supplies,
over 30W of power may be delivered. The amplifier is designed to operate with a minimum of external
components. Device overload protection consists of both internal current limit and thermal shutdown.
The NTE7143 design takes advantage of advanced circuit techniques and processing to achieve ex-
tremely low distortion levels even at high output power levels. Other outstanding features include high
gain, fast slew rate and a wide power bandwidth, large output voltage swing, high current capability,
and a very wide supply range. The amplifier is internally compensated and stable for gains of 10 or
greater.
Features:
D Up to 30W Output Power
D AVO Typically 90dB
D Low Distortion: 0.015%, 1kHz, 20W
D Wide Power Bandwidth: 70kHz
D Protection for AC and DC Short Circuits to GND
D Thermal Protection with Parole Circuit
D High Current Capability: 4A
D Wide Supply Range: 16V – 60V
D Internal Output Protection Diodes
D 94dB Ripple Rejection
Applications:
D High Performance Audio Systems
D Bridge Amplifiers
D Stereo Phonographs
D Servo Amplifiers
D Instrument Systems
Absolute Maximum Ratings: (Note 1)
Supply Voltage, VCC
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VI
–VEE to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Note 2), PD
30W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10sec), TL
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
3
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur.
Operating ratings indicate conditions for which the device is functional, but do not guarantee
specific performance limits.
Note 2. Assumes TTAB equals 60°C max. For operation at higher tab temperature and at ambient
temperatures greater than 25
°C, the NTE7143 must be derated based on a maximum 150°C
junction temperatur. Thermal resistance depends upon device mounting techniques. RthJC
is typically 2
°C/W.


Similar Part No. - 7143

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
7143 CONNOR-WINFIELD-7143 Datasheet
251Kb / 2P
   3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
7143 ETC2-7143 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Coto Technology
7143 COTO-7143 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Connor-Winfield Corpora...
7143-12.288M CONNOR-WINFIELD-7143-12.288M Datasheet
251Kb / 2P
   3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
Molex Electronics Ltd.
71430-0004 MOLEX8-71430-0004 Datasheet
431Kb / 5P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, with or withoutEnhanced Shield, 68 Circuits
More results

Similar Description - 7143

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
   Integrated Circuit Dual, Audio Power Amplifier, 20W
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
logo
Unisonic Technologies
LM1875 UTC-LM1875 Datasheet
150Kb / 6P
   20W AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1028 NTE-NTE1028 Datasheet
73Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp 20W
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
   20W Audio Power Amplifier
logo
Unisonic Technologies
LM1875 UTC-LM1875_15 Datasheet
154Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com