Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA0963 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RMPA0963
Description  Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA0963 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RMPA0963 Datasheet HTML 1Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 2Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 3Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 4Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 5Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 6Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
RMPA0963
i-Lo™ Rev. E
i-L
o™
Recommended Operating Conditions
DC Turn-On Sequence
1) Vcc1 = Vcc2 = 3.4V (typical)
2) Vref = 2.85V (typical)
3) High-Power: Vmode = 0V (Pout > 16 dBm)
Low-Power: Vmode = 2V (Pout < 16 dBm)
Symbol
Parameter
Min
Typ
Max
Units
f
Operating Frequency
824
849
MHz
Vcc1, Vcc2
Supply Voltage
3.0
3.4
4.2
V
Vref
Reference Voltage
(Operating)
(Shutdown)
2.7
0
2.85
3.1
0.5
V
V
Vmode
Bias Control Voltage
(Low-Power)
(High-Power)
1.8
0
2.0
3.0
0.5
V
V
Pout
Linear Output Power
(High-Power)
(Low-Power)
+16
+28
+19
dBm
dBm
Tc
Case Operating Temperature
-30
+85
°C


Similar Part No. - RMPA0963

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966_07 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
More results

Similar Description - RMPA0963

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967_06 Datasheet
548Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edg TM Power Amplifier Module
RMPA1963 FAIRCHILD-RMPA1963 Datasheet
102Kb / 7P
   US-PCS CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765 Datasheet
534Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765_06 Datasheet
578Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965_06 Datasheet
507Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com