Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6466 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6466
Description  14-A 5-V Input Adjustable Integrated Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6466 Datasheet(HTML) 3 Page - Texas Instruments

  PT6466 Datasheet HTML 1Page - Texas Instruments PT6466 Datasheet HTML 2Page - Texas Instruments PT6466 Datasheet HTML 3Page - Texas Instruments PT6466 Datasheet HTML 4Page - Texas Instruments PT6466 Datasheet HTML 5Page - Texas Instruments PT6466 Datasheet HTML 6Page - Texas Instruments PT6466 Datasheet HTML 7Page - Texas Instruments PT6466 Datasheet HTML 8Page - Texas Instruments PT6466 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Efficiency vs Output Current
Power Dissipation vs Output Current
Performance Data; Vin =5.0 V (See Note A)
Output Ripple vs Output Current
PT6460 Series
14-A 5-V Input Adjustable
Integrated Switching Regulator
Pin Descriptions
VIN:
The positive supply voltage input for the module
with respect to the common GND.
VOUT:
This is the regulated output voltage from the mod-
ule with respect to the common GND.
GND:
The common node to which the input, output, and
external control signals are referenced.
Inhibit*:
This is an open-collector (open-drain) negative
logic input that is referenced to GND. Pulling this pin
low disables the module’s output voltage. If Inhibit* is
left open-circuit, the output will be active whenever a
valid input source is applied.
Typical Characteristics
Vo Adjust:
This pin is used to trim the output voltage
over a typical range of ±15 % of nominal. The adjust-
ment method uses an external resistor. The resistor is
connected from Vo Adjust to either the GND or (+)Sense,
in order to adjust the output either up or down, respec-
tively. Consult the related application note for the adjust
limits on a specific part.
Vsense:
An external remote sense input is provided to
allow the regulation circuit to compensate for voltage
drop between the module and the load. For optimal
voltage accuracy Vsense should be connected to VOUT. If
desired, Vsense may also be left open circuit.
50
60
70
80
90
100
0246
8
10
12
14
Iout (A)
PT6461
PT6462
PT6463
PT6464
PT6465
PT6466
PT6467
0
10
20
30
40
50
0246
8
10
12
14
Iout (A)
PT6462
PT6463
PT6464
PT6461
PT6465
PT6466
PT6467
0
1
2
3
4
5
02468
10
12
14
Iout (A)
SLTS178B - JANUARY 2003 - REVISED JUNE 2003


Similar Part No. - PT6466

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6466 TI1-PT6466 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
More results

Similar Description - PT6466

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com