Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6462 Datasheet(PDF) 8 Page - Texas Instruments

Part # PT6462
Description  14-A 5-V Input Adjustable Integrated Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6462 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT6462 Datasheet HTML 2Page - Texas Instruments PT6462 Datasheet HTML 3Page - Texas Instruments PT6462 Datasheet HTML 4Page - Texas Instruments PT6462 Datasheet HTML 5Page - Texas Instruments PT6462 Datasheet HTML 6Page - Texas Instruments PT6462 Datasheet HTML 7Page - Texas Instruments PT6462 Datasheet HTML 8Page - Texas Instruments PT6462 Datasheet HTML 9Page - Texas Instruments PT6462 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT6460, PT6470 Series
Va (req.d)
2.300
1.8 k
2.250
7.1 k
2.200
15.1 k
2.150
28.4 k
2.100
55.1 k
2.3 k
2.050
135.0 k
7.7 k
2.000
15.9 k
1.950
(205.0) k
29.5 k
1.900
(85.1) k
56.7 k
1.850
(45.1) k
138.0 k
1.800
(25.1) k
1.1 k
1.750
(13.1) k
(169.0) k
6.3 k
1.700
(5.1) k
(66.9) k
14.1 k
1.650
(32.9) k
27.2 k
1.600
(15.9) k
53.2 k
1.550
(5.7) k
131.0 k
1.500
1.8 k
1.475
(239.0) k
4.2 k
1.450
(102.0) k
7.1 k
1.425
(56.4) k
10.7 k
1.400
(33.7) k
15.1 k
1.375
(20.0) k
20.8 k
1.350
(10.9) k
28.4 k
1.325
(4.4) k
39.1 k
1.300
55.1 k
2.3 k
1.275
81.8 k
4.8 k
1.250
135.0 k
7.7 k
1.225
295.0 k
11.4 k
1.200
15.9 k
1.175
(125.0) k
21.7 k
1.150
(45.1) k
29.5 k
1.125
(18.4) k
40.4 k
1.100
(5.1) k
56.7 k
1.075
83.9 k
1.050
138.0 k
1.025
302.0 k
1.000
0.975
(46.5) k
0.950
(5.7) k
Table 3-2
ISR ADJUSTMENT RESISTOR VALUES
Series Pt. Nos.
5.0V Bus:
PT6461
PT6462
PT6463
PT6464
PT6465
PT6466
PT6467
3.3V Bus:
N/A
PT6472
PT6473
PT6474
PT6475
PT6476
PT6477
Vo (nom)
3.3 V
2.5 V
2.0 V
1.8 V
1.5 V
1.2 V
1.0V
Va (req.d)
3.60
2.3 k
3.55
7.7 k
3.50
15.9 k
3.45
29.5 k
3.40
56.7 k
3.35
138.0 k
3.30
3.25
(475.0) k
3.20
(220.0) k
3.15
(135.0) k
3.10
(92.4) k
3.05
(66.9) k
3.00
(49.9) k
2.95
(37.5) k
2.90
(28.6) k
2.85
(21.6) k
2.80
(15.9) k
3.6 k
2.75
(11.3) k
9.3 k
2.70
(7.4) k
17.9 k
2.65
(4.1) k
32.2 k
2.60
(1.3) k
60.7 k
2.550
146.0 k
2.500
2.450
See note 4 (328.0) k
2.400
(146.0) k
2.350
(85.7) k
2.300
(55.3) k
2.250
(37.2) k
2.200
(25.0) k
2.150
(16.4) k
2.100
(9.9) k
2.050
(4.8) k
2.000
(0.8) k
R1 = Black R2 = (Blue)


Similar Part No. - PT6462

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6462 TI1-PT6462 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
More results

Similar Description - PT6462

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com