Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N51054 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3N51054
Description  Quad HCSL/LVDS PCIe Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N51054 Datasheet(HTML) 1 Page - ON Semiconductor

  NB3N51054_18 Datasheet HTML 1Page - ON Semiconductor NB3N51054_18 Datasheet HTML 2Page - ON Semiconductor NB3N51054_18 Datasheet HTML 3Page - ON Semiconductor NB3N51054_18 Datasheet HTML 4Page - ON Semiconductor NB3N51054_18 Datasheet HTML 5Page - ON Semiconductor NB3N51054_18 Datasheet HTML 6Page - ON Semiconductor NB3N51054_18 Datasheet HTML 7Page - ON Semiconductor NB3N51054_18 Datasheet HTML 8Page - ON Semiconductor NB3N51054_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2018 − Rev. 5
1
Publication Order Number:
NB3N51054/D
NB3N51054
3.3 V, Crystal to 100 MHz
Quad HCSL/LVDS PCIe
Clock Generator
The NB3N51054 is a precision, low phase noise clock generator that
supports PCI Express requirements. The device accepts a 25 MHz
fundamental mode parallel resonant crystal or a 25 MHz reference
clock signal and generates four differential HCSL/LVDS outputs (See
Figure 7 for LVDS interface) at 100 MHz clock frequency with
maximum skew of 40 ps. Through I2C interface, NB3N51054
provides selectable spread spectrum options of −0.35% and −0.5% for
applications demanding low Electromagnetic Interface (EMI) as well
as optimum performance with no spread option. The I2C interface
further enables control of each output and they can be enabled/
disabled individually.
Features
Uses 25 MHz Fundamental Crystal or Reference Clock Input
Four Low Skew HCSL or LVDS Outputs
I2C Support with Read Back Capability
Spread of −0.35%, −0.5% and No Spread
Individual Output Enable/Disable Control through I2C
PCIe Gen 1, Gen 2, Gen 3, Gen 4 Compliant
Typical Phase Jitter @ 100 MHz (Integrated 12 kHz to 20 MHz):
0.5 ps
Typical Cycle−Cycle Jitter @ 100 MHz (10k cycles): 20 ps
Phase Noise @ 100 MHz:
Offset
Noise Power
100 Hz
−104 dBc/Hz
1 kHz
−121 dBc/Hz
10 kHz
−131 dBc/Hz
100 kHz
−136 dBc/Hz
1 MHz
−140 dBc/Hz
10 MHz
−155 dBc/Hz
Operating Power Supply: 3.3 V ± 5%
Industrial Temperature Range: −40°C to 85°C
Functionally Compatible with ICS841S104I with enhanced
performance
These are Pb−Free Devices
Application
Networking
Consumer
Computing and Peripherals
Industrial Equipment
PCIe Clock Generation Gen 1, Gen 2, Gen 3 and Gen 4
End Products
Switch and Router
Set Top Box, LCD TV
Servers, Desktop Computers
Automated Test Equipment
MARKING
DIAGRAM
TSSOP−24
CASE 948H
www.onsemi.com
See detailed ordering and shipping information on page 14 of
this data sheet.
ORDERING INFORMATION
NB3N5
1054G
ALYW
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package


Similar Part No. - NB3N51054_18

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51054DTG ONSEMI-NB3N51054DTG Datasheet
165Kb / 15P
   LVDS PCIe Clock Generator
May, 2015 ??Rev. 2
NB3N51054DTR2G ONSEMI-NB3N51054DTR2G Datasheet
165Kb / 15P
   LVDS PCIe Clock Generator
May, 2015 ??Rev. 2
More results

Similar Description - NB3N51054_18

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51034 ONSEMI-NB3N51034_17 Datasheet
440Kb / 12P
   Quad HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51044 ONSEMI-NB3N51044_17 Datasheet
219Kb / 13P
   Quad HCSL / LVDS Clock Generator
September, 2017 ??Rev. 2
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032_16 Datasheet
292Kb / 13P
   Dual HCSL/LVDS Clock Generator
April, 2016 ??Rev. 2
NB3N51032 ONSEMI-NB3N51032_17 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51054 ONSEMI-NB3N51054 Datasheet
165Kb / 15P
   LVDS PCIe Clock Generator
May, 2015 ??Rev. 2
logo
Pericom Semiconductor C...
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com