Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3H73113G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3H73113G
Description  Programmable OmniClock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H73113G Datasheet(HTML) 5 Page - ON Semiconductor

  NB3H73113G Datasheet HTML 1Page - ON Semiconductor NB3H73113G Datasheet HTML 2Page - ON Semiconductor NB3H73113G Datasheet HTML 3Page - ON Semiconductor NB3H73113G Datasheet HTML 4Page - ON Semiconductor NB3H73113G Datasheet HTML 5Page - ON Semiconductor NB3H73113G Datasheet HTML 6Page - ON Semiconductor NB3H73113G Datasheet HTML 7Page - ON Semiconductor NB3H73113G Datasheet HTML 8Page - ON Semiconductor NB3H73113G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NB3H73113G
www.onsemi.com
5
Clock Input
Input Frequency
The clock input block can be programmed to use
a fundamental mode crystal from 3 MHz to 50 MHz or
a single ended reference clock source from 3 MHz to
200 MHz. When using output frequency modulation for
EMI reduction, for optimal performance, it is recommended
to use crystals with a frequency greater than 6.75 MHz as
input. Crystals with ESR values of up to 150
W are
supported. While using a crystal as input, it is important to
set crystal load capacitor values correctly to achieve good
performance.
Programmable Crystal Load Capacitors
The provision of internal programmable crystal load
capacitors eliminates the necessity of external load
capacitors for standard crystals. The internal load capacitors
can be programmed to any value between 4.36 pF and
20.39 pF with a step size of 0.05 pF. Refer to Table 4 for
recommended maximum load capacitor values for stable
operation. There are three modes of loading the crystal −
with internal chip capacitors only, with external capacitors
only or with the both internal and external capacitors. Check
with the crystal vendor’s load capacitance specification for
setting of the internal load capacitors. The minimum value
of 4.36 pF internal load capacitor need to be considered
while selecting external capacitor value. The internal load
capacitors will be bypassed when using an external
reference clock.
Automatic Gain Control (AGC)
The Automatic Gain Control (AGC) feature adjusts the
gain to the input clock based on its signal strength to
maintain a good quality input clock signal level. This feature
takes care of low clock swings fed from external reference
clocks and ensures proper device operation. It also enables
maximum compatibility with crystals from different
manufacturers, processes, quality and performance. AGC
also takes care of power dissipation in the crystal; avoids
overdriving the crystal and thus extending the crystal life. In
order to calculate the AGC gain accurately and avoid
increasing the jitter on the output clocks, the user needs to
provide the crystal load capacitance as well as other crystal
parameters like ESR and shunt capacitance (C0).
Programmable Clock Outputs
Output Type and Frequency
The NB3H73113G provides three independent single
ended LVCMOS/LVTTL outputs, or one single ended
LVCMOS/LVTTL output and one LVPECL/LVDS/HCSL/
CML differential output. The device supports any single
ended output or differential output frequency from 8 kHz up
to 200 MHz with or without frequency modulation. All
outputs have individual output enable pins (refer to the
Output Enable/Disable section on page 7). It should be
noted that certain combinations of output frequencies and
spread spectrum configurations may not be recommended
for optimal and stable operation.
For differential clocking, CLK0 and CLK1 can be
configured as LVPECL, LVDS, HCSL or CML. While using
differential signaling format at the output, it is required to
use only VDDO1 as output supply and use only the OE1 pin
for the output enable function. (refer to the Application
Schematic in Figure 4). When all 3 outputs are single ended,
VDDO0 and OE0 have normal functionality.
Figure 4. Application Setup for Differential Output Configuration
Crystal or
Reference
Clock Input
NB3H73113G
PD#
OE2
OE1
OE0
LVPECL/LVDS/HCSL/CML
Single Ended Clock
Differential Clock
XIN/CLKIN
XOUT
VDDO2
VDDO1
VDDO0
CLK1
CLK0
CLK2
VDDO1
≤ VDD
VDDO2
≤ VDD
Programmable Output Drive
The drive strength or output current of each of the
LVCMOS clock outputs is programmable independently.
For each VDDO supply voltage, four distinct levels of
LVCMOS output drive strengths can be selected as
mentioned in DC Electrical Characteristics. This feature
provides further load drive and signal conditioning as per the
application requirement.
PLL BYPASS Mode
PLL Bypass mode can be used to buffer the input clock on
any of the outputs or all of the outputs. Any of the clock
outputs can be programmed to generate a copy of the input
clock.


Similar Part No. - NB3H73113G

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB3H GLENAIR-NB3H Datasheet
58Kb / 1P
   Military Standard Connector Index
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150 ONSEMI-NB3H5150 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
More results

Similar Description - NB3H73113G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V60113G ONSEMI-NB3V60113G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H63143G-D ONSEMI-NB3H63143G-D Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
NB3H60113G ONSEMI-NB3H60113G Datasheet
292Kb / 22P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H60113GH3 ONSEMI-NB3H60113GH3 Datasheet
164Kb / 12P
   2.5 V Programmable OmniClock Generator with Differential LVDS Output
March, 2022 ??Rev. 0
NB3V60113GV3 ONSEMI-NB3V60113GV3 Datasheet
91Kb / 7P
   1.8 V 12.288 MHz OmniClock Generator
October, 2016 ??Rev. 0
NB3H60113GH2 ONSEMI-NB3H60113GH2 Datasheet
337Kb / 10P
   3.3 V OmniClock Generator with Single Ended LVCMOS Output
December, 2019 ??Rev. 0
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com