Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CVF857NF Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6CVF857NF
Description  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857NF Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6CVF857NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
Figure 4. Cycle-to-Cycle Jitter
Figure 5. Static Phase Offset
Figure 6. Output Skew
FBIN
FBIN
CLK
CLK
t
( )
n
t
(
)
n+1
t
=
1
n=N
t
( ) n
N
(N > 1000 samples)
tjit(cc) = tcycle n - tcycle n+1
tcycle n+1
tcycle n
Yx,FBOUT
Yx,FBOUT
t sk(o)
Yx
Yx
Yx, FBOUT
Yx, FBOUT


Similar Part No. - PI6CVF857NF

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV2304 PERICOM-PI6CV2304 Datasheet
218Kb / 8P
   160 MHz Clock Buffers
PI6CV2304 PERICOM-PI6CV2304 Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
218Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
   160 MHz Clock Buffers
More results

Similar Description - PI6CVF857NF

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
   PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
   PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
logo
Renesas Technology Corp
MPC96877 RENESAS-MPC96877 Datasheet
706Kb / 14P
   1.8 V PLL 1:10 Differential SDRAM Clock Driver
2019
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Pericom Semiconductor C...
PI6CU877 PERICOM-PI6CU877 Datasheet
543Kb / 11P
   PLL Clock Driver for 1.8V DDR2 Memory
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com