Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1002 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FIN1002
Description  LVDS 1-Bit, High-Speed Differential Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1002 Datasheet(HTML) 4 Page - ON Semiconductor

  FIN1002 Datasheet HTML 1Page - ON Semiconductor FIN1002 Datasheet HTML 2Page - ON Semiconductor FIN1002 Datasheet HTML 3Page - ON Semiconductor FIN1002 Datasheet HTML 4Page - ON Semiconductor FIN1002 Datasheet HTML 5Page - ON Semiconductor FIN1002 Datasheet HTML 6Page - ON Semiconductor FIN1002 Datasheet HTML 7Page - ON Semiconductor FIN1002 Datasheet HTML 8Page - ON Semiconductor FIN1002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1002
• Rev. 1.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
4.6
V
RIN+ / RIN-
Input Voltage
-0.5
4.6
V
DOUT
DC Output Voltage
-0.5
6.0
V
IO
Output Current
16
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature, Soldering, 10 Seconds
+260
°C
ESD
Electrostatic Discharge
Human Body Model
All Pins
8
kV
LVDS Pins to GND
10
Machine Model
400
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
VIN
Input Voltage
0
VCC
V
VID
Magnitude of Differential Voltage
100
VCC
mV
VIC
Common-mode Input Voltage
0 + |VID| /2
2.4
− |VID|/2
V
TA
Operating Temperature
-40
+125
°C


Similar Part No. - FIN1002

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
FIN1002M5 FAIRCHILD-FIN1002M5 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
FIN1002M5X FAIRCHILD-FIN1002M5X Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
More results

Similar Description - FIN1002

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com