Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9151 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9151
Description  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9151 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9151 Datasheet HTML 1Page - Anpec Electronics Coropration APX9151 Datasheet HTML 2Page - Anpec Electronics Coropration APX9151 Datasheet HTML 3Page - Anpec Electronics Coropration APX9151 Datasheet HTML 4Page - Anpec Electronics Coropration APX9151 Datasheet HTML 5Page - Anpec Electronics Coropration APX9151 Datasheet HTML 6Page - Anpec Electronics Coropration APX9151 Datasheet HTML 7Page - Anpec Electronics Coropration APX9151 Datasheet HTML 8Page - Anpec Electronics Coropration APX9151 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 3 - Nov . , 2 0 1 7
APX9 1 5 1
w w w .anpec.com .t w
1
ANPEC r eser ves t he r ight t o m ake changes t o im pr ove r eliabilit y or m anufact urabilit y w it hout not ice, and adv ise
cust om er s t o obt ain t he lat est ver sion of r elevant infor m at ion t o ver if y befor e placing or der s.
Single- Phase Full- Wave Mot or Dr iver w it h Built - in Hall Sensor
Feat ures
Ge ne r a l D e scr ipt ion
The APX9151 is an integrated Hall Effect Sensor IC de-
signed for electric commutation of single-phase DC
brushless motor applications. The device is built-in lock
protection. When fan is locked, the device will enter the
lock protection mode. It is also with thermal shutdown
function. The APX9151 is available in a low cost TSOT23-
6F packages.
Pin Con figu r a t ion
On-chip Hall Sensor
PWM Soft Switch
High Sensitivity Hall Effect Sensor IC: ±10G(typ.)
Built-in Lock Protection and Auto Restart Function
Built-In Quick Start Function
Speed Controllable by PWM Input Signal
FG (Rotatioin Speed Detection) Output
Built-in Thermal Protection Circuit
6 Pin TSOT23-6F Package
Lead Free and Green Devices Available
(RoHS Compliant)
Ap plica t ion s
Brushless DC Fans
Brushless DC Motors
TSOT-23-6F
(TOP VIEW)
4 OUT2
6 VDD
GND 2
OUT1 3
FG 1
APX9151
5 PWM
Or de r ing a n d M a rk ing I nfor m a t ion
APX9151
Package Code
CE : TSOT-23-6F
Operating Ambient Temperature Range
I : -40 to 105 ℃
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APX9151 CE :
X51X
The last X is referred as Date Code
Assembly Material
Handling Code
Temperature Range
Package Code
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).


Similar Part No. - APX9151

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151SCEI-TRG ANPEC-APX9151SCEI-TRG Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results

Similar Description - APX9151

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170 ANPEC-APX9170 Datasheet
209Kb / 14P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com