Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9150 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APX9150
Description  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9150 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APX9150 Datasheet HTML 7Page - Anpec Electronics Coropration APX9150 Datasheet HTML 8Page - Anpec Electronics Coropration APX9150 Datasheet HTML 9Page - Anpec Electronics Coropration APX9150 Datasheet HTML 10Page - Anpec Electronics Coropration APX9150 Datasheet HTML 11Page - Anpec Electronics Coropration APX9150 Datasheet HTML 12Page - Anpec Electronics Coropration APX9150 Datasheet HTML 13Page - Anpec Electronics Coropration APX9150 Datasheet HTML 14Page - Anpec Electronics Coropration APX9150 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 3 - Nov . , 2 0 1 7
APX9 1 5 0
w w w .anpec.com .t w
1 1
Packa ge I nform at ion
TSOT-23-6F
0.020
0.009
0.031
MAX.
e
e1
E1
E
D
0.08
0.30
0.95 BSC
1.90 BSC
0.50
0.22
0.075 BSC
0.037 BSC
0.012
0.003
MILLIMETERS
MIN.
S
Y
M
B
O
L
b
c
A2
0.70
TSOT-23-6F
MAX.
0.775
MIN.
0.028
INCHES
2.80
3.00
0.110
0.118
3.70
3.90
0.146
0.154
1.50
1.70
0.059
0.067
Note : 1. Dimension D and E1 do not include mold flash, protrusions or gate burrs.
Mold flash, protrusion or gate burrs shall not exceed 10 mil per side.
b
Sensor Location
Top view : Marking side
1.02mm
c
e1
e
D
1
2
3
4
5
6


Similar Part No. - APX9150

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151CEI-TRG ANPEC-APX9151CEI-TRG Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151SCEI-TRG ANPEC-APX9151SCEI-TRG Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results

Similar Description - APX9150

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170 ANPEC-APX9170 Datasheet
209Kb / 14P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com