Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9137A Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APX9137A
Description  High Sensit ivity Hall Effect Sensor Lat ch IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9137A Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APX9137A Datasheet HTML 3Page - Anpec Electronics Coropration APX9137A Datasheet HTML 4Page - Anpec Electronics Coropration APX9137A Datasheet HTML 5Page - Anpec Electronics Coropration APX9137A Datasheet HTML 6Page - Anpec Electronics Coropration APX9137A Datasheet HTML 7Page - Anpec Electronics Coropration APX9137A Datasheet HTML 8Page - Anpec Electronics Coropration APX9137A Datasheet HTML 9Page - Anpec Electronics Coropration APX9137A Datasheet HTML 10Page - Anpec Electronics Coropration APX9137A Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - Feb. , 2 0 1 1
APX9 1 3 7 A
w w w .anpec.com .t w
8
Ca r r ie r Ta pe & Re e l D im e n sion s
Application
A
H
T1
C
d
D
W
E1
F
178.0
±2.00
50 MIN.
8.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN.
8.0
±0.30 1.75±0.10
3.5
±0.05
P0
P1
P2
D0
D1
T
A0
B0
K0
SOT-23-3
4.0
±0.10
4.0
±0.10
2.0
±0.05
1.5+0.10
-0.00
1.0 MIN.
0.6+0.00
-0.40
3.20
±0.20 3.10±0.20 1.50±0.20
(mm)
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1
T1
d
Package Type
Unit
Quantity
SOT-23-3
Tape & Reel
3000
D e vice s Pe r Un it


Similar Part No. - APX9137A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137AI-PBG ANPEC-APX9137AI-PBG Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137AI-TRG ANPEC-APX9137AI-TRG Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
More results

Similar Description - APX9137A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137 ANPEC-APX9137 Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX285 ANPEC-APX285 Datasheet
224Kb / 12P
   High Sensit ivity Hall IC for FAN Dr iver
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com