Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A4595ACX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A4595ACX
Description  SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4595ACX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A4595ACX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4595ACX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4595ACX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4595ACX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4595ACX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4595ACX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8578C
01/05/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A4594A/4595A/4596A/4597A
SOTINY Low-Voltage, Single-Supply,
8-Ohm SPST CMOS Analog Switches
50
VIN
PI5A4594A
PI5A4595A
PI5A4596A
PI5A4597A
NO
or
NC
COM
V+
VOUT
PI5A4594,
PI5A4596
V+
0
VIN
VOUT
PI5A4595,
PI5A4597
∆VOUT
IN
VNO or VNC = 0
CL
1000pF
VOUT is the Measured Voltage due to Charge Transfer
Error Q when the Channel Turns Off.
Q =
∆VOUT x CL
Test Circuits/Timing Diagrams
Figure 2. Charge Injection
Applications Information
Analog Signal Levels
Analog signals can range over the supply voltage (V+ to GND) with ON-resistance changing very little over the entire range. The
PI5A4594A–PI5A4597A are bidirectional, so the NO, NC, and COM pins can be used either as inputs or outputs.
50
VIN
PI5A4594A
PI5A4596A
NO
COM
V+
VOUT
V+
0
0
90%
90%
50%
VIN
VOUT
tOFF
tr ≤ 5ns
tf ≤ 5ns
tON
IN
VNO
CL
35pF
RL
300
50
VIN
PI5A4595A
PI5A4597A
NC
COM
V+
VOUT
V+
0
0
90%
90%
50%
VIN
VOUT
tON
tOFF
IN
VNC
CL
35pF
RL
300
Figure 3. Switching Times


Similar Part No. - PI5A4595ACX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4599A PERICOM-PI5A4599A Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599ACX PERICOM-PI5A4599ACX Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599B PERICOM-PI5A4599B Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599BCE PERICOM-PI5A4599BCE Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599BTAE PERICOM-PI5A4599BTAE Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
More results

Similar Description - PI5A4595ACX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594 Datasheet
169Kb / 8P
   Low-Voltage, Single-Supply, 10??SPST CMOS Analog Switches
Rev 1; 7/00
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
logo
Pericom Semiconductor C...
PI3A4626 PERICOM-PI3A4626 Datasheet
464Kb / 8P
   3.0V, SOTiny Single-Supply 0.4ohm SPST (NO) CMOS Analog Switch
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com