Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT20802 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT20802
Description  1:5/1:7 2.5V Clock Buffer for Networking Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20802 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT20802 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20802 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20802 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20802 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20802 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20802 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT20802 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8560A
09/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT20802/PI49FCT20803
1:5/1:7 2.5V Clock Buffer for
NetworkingApplications
Storage Temperature .....................................–65°Cto+150°C
Supply Voltage VDD .................................................. –0.5Vto+3.6V
Input/Output Voltages(1) ................................ –0.5VtoVDD+0.5V
DC Output Current ...................................... –60mA to +60mA
Power Dissipation ....................................................... 500mW
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Notes:
1. This value is limited to 3.6V maximum.
2. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
3. Typical values are at VDD = 2.5V, +25°C ambient and maximum loading.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
2
(
.
n
i
M.
p
y
T
)
3
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I7
.
1
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I
7
.
0
II
t
n
e
r
r
u
C
t
u
p
n
IV D
D
V
r
o
0
=
D
D
1
±mA
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
CV D
D
I
,.
n
i
M
=
N
I
A
m
8
1
=7
.
0
–1
V
V H
O
H
G
I
H
t
u
p
t
u
O
e
g
a
tl
o
V
V D
D
.
n
i
M
=I H
O
A
m
1
=2
I H
O
A
m
8
=8
.
1
)
3
(
V L
O
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
OV D
D
.
n
i
M
=I L
O
A
m
1
=4
.
0
I L
O
A
m
8
=6
.
0
DC Electrical Characteristics (Over the Operating Range)
Operating Range
VDDVoltage ........................................................... 2.5V±0.2V
Industrial Temperature .................................... –40°C to +85°C
CommercialTemperature ..................................... 0°C to +70°C
Capacitive Loading ............................................. 10pF to 25pF


Similar Part No. - PI49FCT20802

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20802LE PERICOM-PI49FCT20802LE Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802LE PERICOM-PI49FCT20802LE Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QE PERICOM-PI49FCT20802QE Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QE PERICOM-PI49FCT20802QE Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
More results

Similar Description - PI49FCT20802

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT3802 PERICOM-PI49FCT3802 Datasheet
436Kb / 6P
   1:5/1:7 Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com