Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX285 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APX285
Description  High Sensit ivity Hall IC for FAN Dr iver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX285 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APX285 Datasheet HTML 1Page - Anpec Electronics Coropration APX285 Datasheet HTML 2Page - Anpec Electronics Coropration APX285 Datasheet HTML 3Page - Anpec Electronics Coropration APX285 Datasheet HTML 4Page - Anpec Electronics Coropration APX285 Datasheet HTML 5Page - Anpec Electronics Coropration APX285 Datasheet HTML 6Page - Anpec Electronics Coropration APX285 Datasheet HTML 7Page - Anpec Electronics Coropration APX285 Datasheet HTML 8Page - Anpec Electronics Coropration APX285 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - May . , 2 0 1 1
APX2 8 5
w w w .anpec.com .t w
5
Oper at in g W avefor m s
Rotation Mode Waveform (VIN=14V)
CH1:V
DO,10V/div,DC
CH2:V
DOB,10V/div,DC
CH3:I
DOB,200mA/div,DC
CH4:I
DO,200mA/div,DC
Time:1ms/div
Lock Mode Waveform (VIN=14V)
CH1:V
DO,10V/div,DC
CH2:V
DOB,10V/div,DC
CH3:V
DD,5V/div,DC
CH4:I
IN,500mA/div,DC
Time:1s/div
1,2
3,4
V
DO
V
DOB
V
DD
I
IN
V
DO
V
DOB
1,2
3,4
I
DOB
I
DO
Pin D e scr ipt ion
PIN
NO.
NAME
FUNCTION
1
FG
Rotation Speed Output.
2
GND
Ground of the IC.
3
DOB
Open Drain Output. Controlled by magnetic field input.
4
DO
Open Drain Output. Controlled by magnetic field input.
5
VDD
Supply Voltage Input.
TSOT-23-5F


Similar Part No. - APX285

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX284AEI-PBG ANPEC-APX284AEI-PBG Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX284BEI-PBG ANPEC-APX284BEI-PBG Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
APX284BEI-TRG ANPEC-APX284BEI-TRG Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
More results

Similar Description - APX285

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX9137A ANPEC-APX9137A Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137 ANPEC-APX9137 Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com