Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX285 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX285
Description  High Sensit ivity Hall IC for FAN Dr iver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX285 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX285 Datasheet HTML 1Page - Anpec Electronics Coropration APX285 Datasheet HTML 2Page - Anpec Electronics Coropration APX285 Datasheet HTML 3Page - Anpec Electronics Coropration APX285 Datasheet HTML 4Page - Anpec Electronics Coropration APX285 Datasheet HTML 5Page - Anpec Electronics Coropration APX285 Datasheet HTML 6Page - Anpec Electronics Coropration APX285 Datasheet HTML 7Page - Anpec Electronics Coropration APX285 Datasheet HTML 8Page - Anpec Electronics Coropration APX285 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - May . , 2 0 1 1
APX2 8 5
w w w .anpec.com .t w
1
ANPEC r eser v es t h e r ig h t t o m ak e ch an g es t o im p r o v e r eliab ilit y o r m an u f act u r ab ilit y w it h o u t n o t ice, an d
adv ise cust om er s t o ob t ain t h e lat est v er sion of r elev ant inf or m at ion t o v er if y b ef or e p lacing or der s.
High Sensit iv it y Hall I C for FAN Dr iver
The APX285 is an integrated Hall Effect Sensor IC de-
signed for electric commutation of two-phase DC
brushless motor applications. The device is built-in lock
protection. When the fan is locked, the device will enter
the lock protection mode. The APX285 is available in a
low cost TSOT-23-5F package.
Pin D e scr ipt ion
Or de r ing a n d M a rk in g I n for m a t ion
Feat ures
Ge ne r a l D e scr ipt ion
Ap plica t ion s
On-Chip Hall Sensor
Low Operating Supply Voltage: 2.7V
High Sensitivity Hall Effect Sensor IC: ±20G (Type.)
Soft-Switch to Reduce Phase-Switching Noise
Built-In Output Protection Clamping Circuit
Lock Protection and Auto Restart Function
FG Output
Built-In Thermal Protection Circuit
Pin TSOT-23-5F Package
Lead Free and Green Devices Available
(RoHS Compliant)
Brushless DC Fans
Brushless DC Motors
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
TSOT-23-5F
(TOP VIEW)
4 DO
5 VDD
GND 2
DOB 3
FG 1
APX285
APX285
Package Code
BE : TSOT-23-5F
Temperature Range
I : -40 to 105 oC
Handling Code
PB : Plastic Bag
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
APX285 BE :
285X
The last X is referred to as Date Code.


Similar Part No. - APX285

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX284AEI-PBG ANPEC-APX284AEI-PBG Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX284BEI-PBG ANPEC-APX284BEI-PBG Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
APX284BEI-TRG ANPEC-APX284BEI-TRG Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
More results

Similar Description - APX285

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX9137A ANPEC-APX9137A Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137 ANPEC-APX9137 Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com