Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CVF857A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CVF857A
Description  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CVF857A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CVF857A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CVF857A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
FunctionTable
s
t
u
p
n
Is
t
u
p
t
u
OL
L
P
V
A D
D
N
W
D
R
W
PK
L
CK
L
CY
Y
T
U
O
B
FT
U
O
B
F
D
N
GH
L
H
L
H
L
H
f
f
o
/
d
e
s
s
a
p
y
B
D
N
GH
H
L
H
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
XL
L
H
Z
Z
Z
Z
f
f
o
XL
H
L
Z
Z
Z
Z
f
f
o
l
a
n
i
m
o
N
)
2
(
HL
H
L
H
L
H
n
o
l
a
n
i
m
o
N
)
2
(
HH
L
H
L
H
L
n
o
l
a
n
i
m
o
N
)
2
(
Xz
H
M
0
2
<
)
1
(
ZZ
Z
Z
f
f
o
Notes:
1. For testing and power saving purposes, PI6CVF857 will power down if the frequency of the reference inputs CLK, CLK is well below the
operating frequency range. The maximum power down clock frequency is below 20 MHz. For example, PI6CVF857 will be powered down when
the CLK,CLK stop running.
2. AVDD Nominal is 2.5V for PC1600, PC2100, and PC2700. AVDD Nominal is 2.6V for PC3200.
Z = High impedance
X = Don’t care
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
K
L
C
K
L
C
t
u
p
n
i
k
c
o
l
C
e
c
n
e
r
e
f
e
R
x
Y.
s
t
u
p
t
u
o
k
c
o
l
C
x
Y.
s
t
u
p
t
u
o
k
c
o
l
C
t
n
e
m
e
l
p
m
o
C
T
U
O
B
F
T
U
O
B
F
t
u
p
t
u
O
k
c
a
b
d
e
e
F
t
n
e
m
e
l
p
m
o
C
d
n
a
,t
u
p
t
u
o
k
c
a
b
d
e
e
F
N
I
B
F
N
I
B
F
t
u
p
n
I
k
c
a
b
d
e
e
F
t
n
e
m
e
l
p
m
o
C
d
n
a
,t
u
p
n
I
k
c
a
b
d
e
e
F
N
W
D
R
W
P
d
n
a
n
w
o
d
d
e
r
e
w
o
p
s
i
t
r
a
p
e
h
t
,
0
=
N
W
D
R
W
P
n
e
h
W
.
s
t
u
p
t
u
o
x
Y
d
n
a
x
Y
ll
a
r
o
f
e
l
b
a
s
i
d
t
u
p
t
u
o
d
n
a
n
w
o
d
r
e
w
o
P
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
l
a
it
n
e
r
e
f
fi
d
ll
a
,
1
=
N
W
D
R
W
P
n
e
h
W
.
e
t
a
t
s
-
a
o
t
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
l
a
it
n
e
r
e
f
fi
d
e
h
t
.
K
L
C
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
t
a
n
u
r
d
n
a
d
e
l
b
a
n
e
V Q
D
D
.
O
/
I
r
o
f
y
l
p
p
u
S
r
e
w
o
P
V
A D
D
V
A
.
y
l
p
p
u
s
r
e
w
o
p
e
r
o
c
/
g
o
l
a
n
A
D
D
V
A
n
e
h
W
.
s
e
s
o
p
r
u
p
g
n
it
s
e
t
r
o
f
L
L
P
e
h
t
s
s
a
p
y
b
o
t
d
e
s
u
e
b
n
a
c
D
D
o
t
d
e
p
p
a
r
t
s
s
i
.
s
t
u
p
t
u
o
e
c
i
v
e
d
e
h
t
o
t
y
lt
c
e
ri
d
d
e
r
e
f
f
u
b
s
i
K
L
C
d
n
a
d
e
s
s
a
p
y
b
s
i
L
L
P
,
d
n
u
o
r
g
D
N
G
A
y
r
ti
u
c
ri
c
e
r
o
c
/
g
o
l
a
n
a
e
h
t
r
o
f
e
c
n
e
r
e
f
e
r
d
n
u
o
r
g
e
h
t
s
e
d
i
v
o
r
P
.
d
n
u
o
r
g
e
r
o
c
/
g
o
l
a
n
A
D
N
Gd
n
u
o
r
G
PinoutTable


Similar Part No. - PI6CVF857A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV2304 PERICOM-PI6CV2304 Datasheet
218Kb / 8P
   160 MHz Clock Buffers
PI6CV2304 PERICOM-PI6CV2304 Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
218Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
   160 MHz Clock Buffers
More results

Similar Description - PI6CVF857A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
   PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
   PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
logo
Renesas Technology Corp
MPC96877 RENESAS-MPC96877 Datasheet
706Kb / 14P
   1.8 V PLL 1:10 Differential SDRAM Clock Driver
2019
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Pericom Semiconductor C...
PI6CU877 PERICOM-PI6CU877 Datasheet
543Kb / 11P
   PLL Clock Driver for 1.8V DDR2 Memory
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com