Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-3084 Datasheet(PDF) 1 Page - Level One

Part # FCS-3084
Description  Fixed Dome IP Network Camera
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3084 Datasheet(HTML) 1 Page - Level One

  FCS-3084 Datasheet HTML 1Page - Level One FCS-3084 Datasheet HTML 2Page - Level One FCS-3084 Datasheet HTML 3Page - Level One FCS-3084 Datasheet HTML 4Page - Level One FCS-3084 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FCS-3084 Version: 2
Power supply unit is to be ordered separately.
Fixed Dome IP Network Camera, 2-Megapixel,
802.3af PoE, Vandalproof, IR LEDs,
Indoor/Outdoor, two-way audio
The LevelOne FCS-3084 Fixed Dome Outdoor Camera offers a highly reliable, cost-effective outdoor IP
surveillance solution in a low-profile dome mounted casing, which is rated at IP66 and able to withstand
outdoor operating conditions such as rain, snow, extreme heat, dust and humidity. The FCS-3084 offers
2-Megapixel resolution, and with 802.3af standard PoE, can use a single Cat.5 cable to run both power and
data, making deployments easy and flexible. The dome mounting prevents malicious tampering with the
camera, making it a secure and smart choice for all outdoor installations.
Key Features
- Weatherproof IP66-rated housing
- 2-Megapixel (1920 x 1080) high-definition resolution
- Video compression: H.264, MJPEG
- IEEE 802.3af PoE compliant to simplify deployment and installation
- Features WDR (Wide Dynamic Range) to enhance visibility under extremely bright or dark environments
- Provides IR correction feature suitable for day and night viewing
- Supports IPv4/IPv6 network operation
- Vandal-proof IK10-rated housing
-
- Built-in Micro SDHC/SDXC card slot for local storage
- Built-in infrared LEDs for night viewing up to 30m
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.1X Network Access Control
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP,
SMTP, FTP, UPnP, SNMP, Bonjour
Image Sensor:
2-Megapixel 1/2.8" Progressive Scan CMOS
www.level1.com
Page 1 of 5


Similar Part No. - FCS-3084

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3081 LVL1-FCS-3081 Datasheet
3Mb / 8P
   2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
   Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3082 LVL1-FCS-3082_18 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
   Fixed Dome Network Camera
More results

Similar Description - FCS-3084

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
   Fixed Dome IP Network Camera,
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
   Fixed Dome IP Network Camera
FCS-3053 LVL1-FCS-3053_18 Datasheet
580Kb / 4P
   Fixed Dome IP Network Camera
FCS-3073 LVL1-FCS-3073_18 Datasheet
362Kb / 4P
   Fixed Dome IP Network Camera
FCS-3101 LVL1-FCS-3101_18 Datasheet
472Kb / 4P
   Fixed Dome IP Network Camera
FCS-3307 LVL1-FCS-3307 Datasheet
44Kb / 4P
   Fixed Dome IP Network Camera
FCS-3096 LVL1-FCS-3096 Datasheet
486Kb / 4P
   Fixed Dome IP Network Camera
FCS-3306 LVL1-FCS-3306 Datasheet
270Kb / 3P
   Fixed Dome IP Network Camera
FCS-3063 LVL1-FCS-3063_18 Datasheet
723Kb / 5P
   Fixed Dome IP Network Camera
FCS-3072 LVL1-FCS-3072_18 Datasheet
478Kb / 4P
   Fixed Dome IP Network Camera
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com