Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-3085 Datasheet(PDF) 1 Page - Level One

Part # FCS-3085
Description  Varifocal Dome IP Network Camera
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3085 Datasheet(HTML) 1 Page - Level One

  FCS-3085 Datasheet HTML 1Page - Level One FCS-3085 Datasheet HTML 2Page - Level One FCS-3085 Datasheet HTML 3Page - Level One FCS-3085 Datasheet HTML 4Page - Level One FCS-3085 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FCS-3085 Version: 1
Power supply unit is to be ordered separately.
Varifocal Dome IP Network Camera, 4-Megapixel,
Indoor/Outdoor, 802.3af PoE, IR LEDs, two-way
audio
The LevelOne FCS-3085 Fixed Dome Outdoor Camera offers a highly reliable, cost-effective outdoor IP
surveillance solution in a low-profile dome mounted casing, which is rated at IP66 and able to withstand
outdoor operating conditions such as rain, snow, extreme heat, dust and humidity. The FCS-3085 offers
4-Megapixel resolution, and with 802.3af standard PoE, can use a single Cat.5 cable to run both power and
data, making deployments easy and flexible. The dome mounting prevents malicious tampering with the
camera, making it a secure and smart choice for all outdoor installations.
Key Features
- 4-Megapixel high-definition resolution
- 2.8-12 mm adjustable Vari-focal length for wide angle surveillance
- Power support: PoE (IEEE 802.3af)
- Video compression: H.264, MJPEG
- Vandal-proof IK10-rated housing
- Built-in infrared LEDs for night viewing up to 30m
- Built-in Micro SDHC/SDXC card slot for local storage
- Weatherproof IP66-rated housing
- Supports motion detection (Intrusion/camera tampering/line crossing) and event notification
- Free surveillance and CMS (Central Management System) software packages with 64-channel license
Specifications
System Specifications
Standards & Protocols:
TCP/IP (IPv4), UDP, ICMP, HTTP, HTTPS, FTP, DHCP, DNS, DDNS, RTP, RTSP, RTCP, PPPoE, NTP,
UPnP, SMTP, SNMP, IGMP, 802.1X, QoS, IPv6, Bonjour,IEEE802.1x
Image Sensor:
1/3” Progressive Scan CMOS
Lens:
2.8 - 12 mm @ F1.4, Vari-focal,Auto Iris
Port:
10/100Mbps (100Base-T) RJ45 Ethernet interface
Power Connector
Audio:In/Out
I/O terminal block (1 DI/1 DO)
1 x MicroSDHC/ MicroSDXC card slot
www.level1.com
Page 1 of 5


Similar Part No. - FCS-3085

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3081 LVL1-FCS-3081 Datasheet
3Mb / 8P
   2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
   Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3082 LVL1-FCS-3082_18 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
   Fixed Dome Network Camera
More results

Similar Description - FCS-3085

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3082 LVL1-FCS-3082_18 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3064 LVL1-FCS-3064_18 Datasheet
810Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3083 LVL1-FCS-3083_18 Datasheet
953Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3056 LVL1-FCS-3056_18 Datasheet
552Kb / 4P
   Varifocal Dome IP Network Camera
FCS-3055 LVL1-FCS-3055_18 Datasheet
953Kb / 5P
   Varifocal Dome IP Network Camera
FCS-1152 LVL1-FCS-1152_18 Datasheet
464Kb / 4P
   Varifocal IP Network Camera
FCS-1153 LVL1-FCS-1153_18 Datasheet
451Kb / 4P
   Varifocal IP Network Camera, 5-Megapixel
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
   Fixed Dome IP Network Camera,
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
   Fixed Dome IP Network Camera
FCS-3305 LVL1-FCS-3305 Datasheet
245Kb / 3P
   Zoom Dome IP Network Camera
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com