Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV741P_1808 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV741P_1808
Description  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV741P_1808 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV741P_1808 Datasheet HTML 6Page - Texas Instruments TLV741P_1808 Datasheet HTML 7Page - Texas Instruments TLV741P_1808 Datasheet HTML 8Page - Texas Instruments TLV741P_1808 Datasheet HTML 9Page - Texas Instruments TLV741P_1808 Datasheet HTML 10Page - Texas Instruments TLV741P_1808 Datasheet HTML 11Page - Texas Instruments TLV741P_1808 Datasheet HTML 12Page - Texas Instruments TLV741P_1808 Datasheet HTML 13Page - Texas Instruments TLV741P_1808 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Time (100 s/div)
m
Channel 1
100 mV/div
Channel 3
1 V/div
V
IN
V
OUT
Channel 2
1 V/div
Channel 4
50 mA/div
EN
I
LOAD
Time (50 ms/div)
Channel 1
2 V/div
Channel 3
1 V/div
V
IN
V
OUT
Channel 2
2 V/div
Channel 4
100 mA/div
EN
I
OUT
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
50
100
150
200
250
300
350
Output Current (mA)
0
1
2
3
4
0
0.5
1
1.5
2
Time (s)
VIN
VOUT
10
TLV741P
SBVS309 – JULY 2017
www.ti.com
Product Folder Links: TLV741P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
over operating temperature range TJ = –40°C to +125°C, VIN = VOUT(nom) + 0.5 V or 2 V (whichever is greater), IOUT = 10 mA,
VEN = VIN, COUT = 1 µF, and VOUT(nom) = 1.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
TLV74118P
Figure 19. 1.8-V Output Voltage vs Output Current
(Foldback Current Limit)
TLV74118P
IOUT = 150 mA
Figure 20. VIN Power-Up and Power-Down
VIN = 2.3 V
VOUT = 1.8 V
CIN = 1 µF
COUT = 10 µF
IOUT = 90 mA
TLV74118P
from design
Figure 21. Start-Up With EN
VIN = 3 V
VOUT = 1.8 V
CIN = COUT = 1 µF
TPS74118P
No load
Figure 22. Shutdown Response With Enable


Similar Part No. - TLV741P_1808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV741P_1808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com