Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMP65R380Q Datasheet(PDF) 9 Page - MagnaChip Semiconductor.

Part # MMP65R380Q
Description  650V 0.38ohm N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP65R380Q Datasheet(HTML) 9 Page - MagnaChip Semiconductor.

Back Button MMP65R380Q Datasheet HTML 2Page - MagnaChip Semiconductor. MMP65R380Q Datasheet HTML 3Page - MagnaChip Semiconductor. MMP65R380Q Datasheet HTML 4Page - MagnaChip Semiconductor. MMP65R380Q Datasheet HTML 5Page - MagnaChip Semiconductor. MMP65R380Q Datasheet HTML 6Page - MagnaChip Semiconductor. MMP65R380Q Datasheet HTML 7Page - MagnaChip Semiconductor. MMP65R380Q Datasheet HTML 8Page - MagnaChip Semiconductor. MMP65R380Q Datasheet HTML 9Page - MagnaChip Semiconductor. MMP65R380Q Datasheet HTML 10Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MMP65R380Q Datasheet
Jun. 2017 Revision 1.0
MagnaChip Semiconductor Ltd.
9
 Physical Dimension
3 Leads, TO-220
Note : PKG Body Sizes exclude Mold Flash & Gate Burrs
[unit:mm]


Similar Part No. - MMP65R380Q

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMP65R190P MGCHIP-MMP65R190P Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
MMP65R190PTH MGCHIP-MMP65R190PTH Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
logo
Inchange Semiconductor ...
MMP65R190PTH ISC-MMP65R190PTH Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MMP65R280Q MGCHIP-MMP65R280Q Datasheet
1Mb / 10P
   650V 0.28ohm N-channel MOSFET
MMP65R280QTH MGCHIP-MMP65R280QTH Datasheet
1Mb / 10P
   650V 0.28ohm N-channel MOSFET
More results

Similar Description - MMP65R380Q

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMF65R380Q MGCHIP-MMF65R380Q Datasheet
1Mb / 10P
   650V 0.38ohm N-channel MOSFET
MMD65R380QRH MGCHIP-MMD65R380QRH Datasheet
2Mb / 10P
   650V 0.38ohm N-channel MOSFET
logo
STMicroelectronics
STP16NK65Z STMICROELECTRONICS-STP16NK65Z Datasheet
286Kb / 12P
   N-CHANNEL 650V-0.38OHM-13A TO-220 I2SPAK Zener - Protected SuperMESH MOSFET
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com