Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL18CV8ZPI-25 Datasheet(PDF) 4 Page - Anachip Corp

Part # PEEL18CV8ZPI-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL18CV8ZPI-25 Datasheet(HTML) 4 Page - Anachip Corp

  PEEL18CV8ZPI-25 Datasheet HTML 1Page - Anachip Corp PEEL18CV8ZPI-25 Datasheet HTML 2Page - Anachip Corp PEEL18CV8ZPI-25 Datasheet HTML 3Page - Anachip Corp PEEL18CV8ZPI-25 Datasheet HTML 4Page - Anachip Corp PEEL18CV8ZPI-25 Datasheet HTML 5Page - Anachip Corp PEEL18CV8ZPI-25 Datasheet HTML 6Page - Anachip Corp PEEL18CV8ZPI-25 Datasheet HTML 7Page - Anachip Corp PEEL18CV8ZPI-25 Datasheet HTML 8Page - Anachip Corp PEEL18CV8ZPI-25 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
4/10
the I/O pin. Otherwise, the output buffer is switched into the
high-impedance state.
Under the control of the output enable term, the I/O pin can func-
tion as a dedicated input, a dedicated output, or a bi-directional I/ O.
Opening every connection on the output enable term will per-
manently enable the output buffer and yield a dedicated output.
Conversely, if every connection is intact, the enable term will
always be logically false and the I/O will function as a dedicated
input.
Input/Feedback Select
The PEEL™18CV8Z macrocell also provides control over the
feedback path. The input/feedback signal associated with each I/ O
macrocell can be obtained from three different locations; from the
I/O input pin, from the Q output of the flip-flop (registered
feedback), or directly from the OR gate (combinatorial feed-
back).
Bi-directional I/O
The input/feedback signal is taken from the I/O pin when using the
pin as a dedicated input or as a bi-directional I/O. (Note that it is
possible to create a registered output function with a bi-direc-
tional I/O, refer to Figure 9).
Combinatorial Feedback
The signal-select multiplexer gives the macrocell the ability to
feedback the output of the OR gate, bypassing the output buffer,
regardless of whether the output function is registered or combi-
natorial. This feature allows the creation of asynchronous latches,
even when the output must be disabled. (Refer to configurations
5, 6, 7, and 8 in Figure 11.)
Figure 9 Block Diagram of the PEEL™18CV8Z
I/O Macrocell
Registered Feedback
Feedback also can be taken from the register, regardless of
whether the output function is programmed to be combinatorial
or registered. When implementing a combinatorial output func-
tion, registered feedback allows for the internal latching of states
without giving up the use of the external output.
Programmable Clock Options
A unique feature of the PEEL™18CV8Z is a programmable
clock multiplexer that allows the user to select true or comple-
ment forms of either input pin or product-term clock sources.
Zero Power Feature
The CMOS PEEL™18CV8Z features “Zero-Power” standby
operation for ultra-low power consumption. With the “Zero-
Power” feature, transition-detection circuitry monitors the inputs,
I/Os (including CLK) and feedbacks. If these signals do not
change for a period of time greater than approximately two tPD’s,
the outputs are latched in their current state and the device auto-
matically powers down. When the next signal transition is
detected, the device will “wake up” for active operation until the
signals stop switching long enough to trigger the next power-
down. (Note that the tPD is approximately 5 ns. slower on the first
transition from sleep mode.)
As a result of the “Zero-Power” feature, significant power sav-
ings can be realized for combinatorial or sequential operations
when the inputs or clock change at a modest rate. See Figure 5.
Figure 10 Typical ICC vs. Input Clock Frequency
for the 18CV8Z
100
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
Frequency in MHz


Similar Part No. - PEEL18CV8ZPI-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL18CV8 ETC-PEEL18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-10 ETC-PEEL18CV8J-10 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-15 ETC-PEEL18CV8J-15 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-25 ETC-PEEL18CV8J-25 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-5 ETC-PEEL18CV8J-5 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8ZPI-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com