Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5695 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5695
Description  Horizontal Deflection Output for High Resolution Display, Color TV
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5695 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5695 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5695
2001-10-29
1
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC5695
Horizontal Deflection Output for High Resolution Display,
Color TV
· High voltage: VCBO = 1500 V
· Low saturation voltage: VCE (sat) = 3 V (max)
· High speed: tf (2) = 0.1 µs (typ.)
Maximum Ratings (Tc
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
1500
V
Collector-emitter voltage
VCEO
700
V
Emitter-base voltage
VEBO
5
V
DC
IC
22
Collector current
Pulse
ICP
44
A
Base current
IB
11
A
Collector power dissipation
PC
200
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics (Tc
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 1500 V, IE = 0
¾
¾
1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
10
mA
Collector-emitter breakdown voltage
V(BR) CEO
IC = 10 mA, IB = 0
700
¾
¾
V
hFE (1)
VCE = 5 V, IC = 2 A
20
¾
50
hFE (2)
VCE = 5 V, IC = 10 A
8
¾
17
DC current gain
hFE (3)
VCE = 5 V, IC = 17 A
4.8
¾
8.3
¾
Collector-emitter saturation voltage
VCE (sat)
IC = 17 A, IB = 4.25 A
¾
¾
3
V
Base-emitter saturation voltage
VBE (sat)
IC = 17 A, IB = 4.25 A
¾
1.0
1.5
V
Transition frequency
fT
VCE = 10 V, IC = 0.1 A
¾
2
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
280
¾
pF
Storage time
tstg (1)
¾
2.5
3
Fall time
tf (1)
ICP = 8 A, IB1 (end) = 1.4 A,
fH = 64 kHz
¾
0.15
0.3
Storage time
tstg (2)
1.6
1.8
Switching time
Fall time
tf (2)
ICP = 8 A, IB1 (end) = 1.1 A,
fH = 100 kHz
¾
0.1
0.15
ms
Unit: mm
JEDEC
JEITA
TOSHIBA
2-21F2A
Weight: 9.75 g (typ.)


Similar Part No. - 2SC5695

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5690 SANYO-2SC5690 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
logo
Toshiba Semiconductor
2SC5692 TOSHIBA-2SC5692 Datasheet
167Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC5692 TOSHIBA-2SC5692 Datasheet
135Kb / 5P
   High-Speed Switching Applications
2SC5692 TOSHIBA-2SC5692 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SC5692 TOSHIBA-2SC5692_04 Datasheet
135Kb / 5P
   High-Speed Switching Applications
More results

Similar Description - 2SC5695

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
3TH41A TOSHIBA-3TH41A Datasheet
130Kb / 2P
   SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
5TUZ52 TOSHIBA-5TUZ52 Datasheet
132Kb / 2P
   SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
5TUZ52C TOSHIBA-5TUZ52C Datasheet
132Kb / 2P
   SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
5VUZ52 TOSHIBA-5VUZ52 Datasheet
133Kb / 2P
   SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
logo
NTE Electronics
NTE2665 NTE-NTE2665 Datasheet
56Kb / 2P
   Silicon NPN Transistor Horizontal Deflection Output for High Resolution Display, Color TV
logo
Toshiba Semiconductor
3TH41 TOSHIBA-3TH41 Datasheet
132Kb / 2P
   SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
5TUZ47 TOSHIBA-5TUZ47 Datasheet
129Kb / 2P
   SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
5VUZ47 TOSHIBA-5VUZ47 Datasheet
136Kb / 2P
   SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
5THZ52 TOSHIBA-5THZ52 Datasheet
87Kb / 2P
   SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com