Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD100F5 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PD100F5
Description  FRD 100A AVG 500 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD100F5 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PD100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Installation ...
Configure the PC8106-2 for the display by setting the jumpers on
J5 using the configuration chart below. Construct the cable to
interface the LCD Module to the PC8106-2, the cable should not
exceed 24 inches.
Turn off your computer and remove the cover. Locate one empty
16 bit slot, remove the protective rear plate. Insert the card
pressing straight down with even pressure being sure the card
is fully seated. Secure the PC8106-2 using the screw you removed
when taking out the protective rear plate. Also at this time
be sure that there is no other display card installed.
PC8106-2 Configuration
To configure the PC8106 for the type of panel you are using,
install the appropriate jumpers.
Display
Display
J5-
Resolution
Mode
5
4
3
2
1
Monochrome Displays
320x240
Single
4
IN
IN
OUT
IN
OUT
OPTREX DMF50174, DMF50081, DMF50531
320x256
Single
4
IN
OUT
OUT
IN
OUT
480x320
Dual
8
OUT
IN
IN
OUT
OUT
640x200
Single
4
IN
OUT
IN
OUT
OUT
Optrex DMF50036, DMF651, DMF50357
640x400
Single
8
IN
IN
OUT
OUT
OUT
640x400
Dual
8
OUT
IN
OUT
OUT
OUT
640x480
Single
8
IN
OUT
OUT
OUT
OUT
640x480
Dual
8
OUT
OUT
OUT
OUT
OUT
OPTREX DMF50260, DMF50383, DMF50753, DMF50961
Color Displays
320x240
Single
8
IN
IN
IN
OUT IN
OPTREX DMF50944
640x480
Single
8
IN
OUT OUT
OUT IN
640x480
Dual
8
OUT
IN
OUT
OUT IN
640x480
Single
16
IN
IN
OUT
OUT IN
640x480
Dual
16
OUT
IN
OUT
OUT IN
OPTREX DMF50414, DMF50757, DMF50766


Similar Part No. - PD100F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD100F12 NIEC-PD100F12 Datasheet
34Kb / 2P
   FRD MODULE - 100A/1200V/trr:250nsec
PD100F12 NIEC-PD100F12 Datasheet
207Kb / 2P
   100A Avg 1200 Volts
PD100F12 NIEC-PD100F12_1 Datasheet
207Kb / 2P
   100A Avg 1200 Volts
logo
National Instruments Co...
PD100F12 NI-PD100F12_15 Datasheet
207Kb / 2P
   FRD
logo
Nihon Inter Electronics...
PD100F2 NIEC-PD100F2 Datasheet
220Kb / 2P
   100Avg, 200 Volts
More results

Similar Description - PD100F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
   100A Avg 12001600 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
FCU20UC20 NIEC-FCU20UC20 Datasheet
218Kb / 1P
   FRD - 20A Avg. 200 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
   100A Avg 1600 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
logo
National Instruments Co...
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
   100A Avg 200 Volts
PC100F6 NI-PC100F6_15 Datasheet
193Kb / 2P
   100A Avg 600 Volts
PC1008 NI-PC1008_15 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008_1 Datasheet
251Kb / 4P
   100A Avg 800 Volts
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
   100A Avg 800 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com