Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU03-5205 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MU03-5205
Description  SUPER BRIGHT LED LIGHT BAR MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MU03-5205 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MU03-5205 Datasheet HTML 1Page - List of Unclassifed Manufacturers MU03-5205 Datasheet HTML 2Page - List of Unclassifed Manufacturers MU03-5205 Datasheet HTML 3Page - List of Unclassifed Manufacturers MU03-5205 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5
Characteristics by Shape
Package Dimensions
unit : mm
Tolerance : ±0.25mm
fig.3
fig.4
SUPER BRIGHT LED LIGHT BAR MODULE
fig.5
fig.6
fig.7
MU04-2101
MU04-2105
MU04-3101
MU04-3105
MU04-4101
MU04-4105
MU04-5101
MU04-5102
MU04-5105
MU07-2101
MU07-4101
MU07-5101
MU08-2201
MU08-3201
MU08-4201
MU08-5201
MU08-9301
Units
MU07-3101
4
20
6
x19
(7
x20)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
mA
32
32
16
16
32
32
16
20
16
40
20
40
20
40
20
40
20
12
12
15
15
8
8
15
15
8
10
8
20
10
20
10
20
10
20
10
8
8
mcd
180
180
190
190
225
225
190
225
190
300
320
375
320
240
250
300
250
240
250
mW
3
3
3
3
3
3
3
3
3
5
5
5
5
4
4
4
4
4
4
pcs
Red
Milky White
Orange
Milky White
Yellow
Milky White
Green
Green
Milky White
Yellow
Green
Red
Orange
Yellow
Green
Green
mm
Red
Orange
Yellow
Pure Green
Green
Pure Green
Red
Orange
Red
Pure Green
Yellow
Pure Green
Red
Orange
Yellow
Pure Green
Red
Orange
6
x29
(7
x30)
14
x16
(15
x17)
5
6
7
Shape
Part No.
Emitted
Color
Resin
Color
Light
Emitting
Surface
(Outer Size)
No.
of
Chips
Absolute Max. Rating
Power Dissipation
Pd
Electro-Optical Characteristics
Luminous Intensity
Iv
MIN.
TYP.
IF
fig.
Ta=25°C


Similar Part No. - MU03-5205

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MU00505HA MORNSUN-MU00505HA Datasheet
455Kb / 5P
   5W AC/DC interchangeable Adapter
MU00509HA MORNSUN-MU00509HA Datasheet
455Kb / 5P
   5W AC/DC interchangeable Adapter
MU00512HA MORNSUN-MU00512HA Datasheet
455Kb / 5P
   5W AC/DC interchangeable Adapter
MU00515HA MORNSUN-MU00515HA Datasheet
455Kb / 5P
   5W AC/DC interchangeable Adapter
MU01205HA MORNSUN-MU01205HA Datasheet
421Kb / 5P
   12W AC/DC interchangeable Adapter
More results

Similar Description - MU03-5205

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
   LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
   LED Light Bar
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
   LED LIGHT BAR
logo
BetLux Electronics
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z2005 BETLUX-BL-AR1Z2005 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AS1Z10 BETLUX-BL-AS1Z10 Datasheet
62Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S2 BETLUX-BL-AS1Z15S2 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S4 BETLUX-BL-AS1Z15S4 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AR1Z1408 BETLUX-BL-AR1Z1408 Datasheet
68Kb / 5P
   LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com