Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7611ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM7611ST
Description  ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7611ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM7611ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7611ST Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7611ST Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7611ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 153
3.3
Three Terminal, Adjustable Voltage, 3.0 Amp
Precision Negative Regulators In Hermetic
JEDEC TO-257AA Package
4 11 R3
Supersedes 1 07 R2
ISOLATED HERMETIC TO-257AA ADJUSTABLE
VOLTAGE REGULATORS
FEATURES
• Isolated Hermetic Package, JEDEC TO-257AA Outline
• Reference Voltage Set Internally to ±2%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Pin Out Identical To Plastic TO-220
• Product Is Available Screened To MIL-STD-883
DESCRIPTION
These three terminal negative regulators are supplied in a hermetically sealed metal
package whose outline is similar to the industry standard TO-220 plastic package. All
protective features are designed into the circuit, including thermal shutdown, current
limiting and safe-area control. With heat sinking, they can deliver over 3.0 amps of
output current. These units feature 2% initial voltage tolerance, with 1.0% load
regulation and .015% line regulation.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input Voltage ................................................................... -35V
Operating Junction Temperature Range............................. -55°C to +150°C
Storage Temperature Range ......................................... -65° to +150°C
Typical Power/Thermal Characteristics:
Rated Power @ 25°C
TC ........................................................................ 28W
TA.......................................................................... 3W
Thermal Resistance
qJC ................................................................... 4.2°C/W
qJA..................................................................... 42°C/W
OM7611ST


Similar Part No. - OM7611ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7611ST ETC2-OM7611ST Datasheet
47Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM7611STM ETC2-OM7611STM Datasheet
47Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
More results

Similar Description - OM7611ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7611STM ETC2-OM7611STM Datasheet
47Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM7604ST ETC-OM7604ST Datasheet
44Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM7800IH IRF-OM7800IH Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7900IH ETC1-OM7900IH Datasheet
57Kb / 5P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE NEGATIVE REGULATORS
OM1815STM ETC2-OM1815STM Datasheet
34Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com