Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7133 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7133
Description  Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7133 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7133 Datasheet HTML 1Page - NTE Electronics NTE7133 Datasheet HTML 2Page - NTE Electronics NTE7133 Datasheet HTML 3Page - NTE Electronics NTE7133 Datasheet HTML 4Page - NTE Electronics NTE7133 Datasheet HTML 5Page - NTE Electronics NTE7133 Datasheet HTML 6Page - NTE Electronics NTE7133 Datasheet HTML 7Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NTE7133
Integrated Circuit
Horizontal and Vertical Deflection Controller
for VGA/XGA and Autosync Monitors
Description:
The NTE7133 is an integrated circuit in a 20–Lead DIP type package. This device is designed to pro-
vide an economical solution in VGA/XGA and autosync monitors by incorporating complete horizon-
tal and vertical small signal processing. VGA–dependent mode detection and setting are performed
on–chip.
Features:
D VGA Operation Fully Implemented Including Alignment–Free Vertical and E/W Amplitude
Pre–Settings
D 4th VGA Mode Easy Applicable (XGA, Super VGA)
D Autosync Operation Externally Selectable
D Low Jitter
D All Adjustments DC–Controllable
D Alignment–Free Oscillators
D Sync Separators for Video or Horizontal and Vertical TTL Sync Levels Regardless or Polarity
D Horizontal Oscillator with PLL1 for Sync and PLL2 for Flyback
D Constant Vertical and E/W Amplitude in Multi–Frequency Operation
D DC–Coupling to Vertical Power Amplifier
D Internal Supply Voltage Stabilization with Excellent Ripple Rejection to Ensure Stable Geometrical
Adjustments
Absolute Maximum Ratings:
Supply Voltage (Pin1), VP
–0.5 to +16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage (Pin3, Pin7), V3, V7
–0.5 to +16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage (Pin8), V8
–0.5 to +7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage (Pin5, Pin6, Pin9, Pin10, Pin13, Pin14, Pin18), Vn
–0.5 to +6.5V
. . . . . . . . . . . . . . . . . . . . . .
Current (Pin2), I2
±10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (Pin3), I3
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (Pin7), I7
20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (Pin8), I8
–10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Handling for All Pins (Note 1), Vesd
±400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperatrure Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient (In Free Air), RthJA
65K/W
. . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Equivalent to discharging a 200pF capacitor through a 0
Ω series resistor.


Similar Part No. - NTE7133

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE713 NTE-NTE713 Datasheet
24Kb / 2P
   Integrated Circuit Chroma Demod
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
More results

Similar Description - NTE7133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
logo
NTE Electronics
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
logo
NXP Semiconductors
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com