Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUBW30-12A6 Datasheet(PDF) 7 Page - IXYS Corporation

Part # MUBW30-12A6
Description  Converter - Brake - Inverter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW30-12A6 Datasheet(HTML) 7 Page - IXYS Corporation

  MUBW30-12A6 Datasheet HTML 1Page - IXYS Corporation MUBW30-12A6 Datasheet HTML 2Page - IXYS Corporation MUBW30-12A6 Datasheet HTML 3Page - IXYS Corporation MUBW30-12A6 Datasheet HTML 4Page - IXYS Corporation MUBW30-12A6 Datasheet HTML 5Page - IXYS Corporation MUBW30-12A6 Datasheet HTML 6Page - IXYS Corporation MUBW30-12A6 Datasheet HTML 7Page - IXYS Corporation MUBW30-12A6 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2000 IXYS All rights reserved
7 - 8
7\S VZLWFKLQJ ORVVHV









, $
@
À
X
†
( RIIƒ&
( RIIƒ&
( RQƒ&
( RQƒ&
MUBW 30-12 A6
U’ƒƐv‡puvtÇv€r










StPu€
W
QV
WG RII
WI RII
WG RQ
WU RQ
7\S VZLFKLQJ ORVVHV














5J 2KP
(
P
:
V
( RIIƒ&
( RIIƒ&
( RQƒ&
( RQƒ&
U’ƒƐv‡puvtÇv€r†







D6
W
QV
WG RII
WI RII
WG RQ
WU RQ
Output Inverter T1 - T6
Transient thermal resistance junction to heatsink
I
C
= 15 A
V
CE = 600 V
T
VJ = 125°C
R
G = 150 W
V
CE = 600 V
T
VJ = 125°C
R
G = 150 W
V
CE = 600 V
I
C
= 15 A
V
CE = 600 V
(Z
thJH is measured using 50 µm
thermal grease)
,*%7
=WK-+>.:@












W V
9Ã2ÃÃÃÃ
9Ã2Ã$
9Ã2Ã
9Ã2Ã!
9Ã2Ã$
9Ã2Ã Ã
9Ã2Ã!Ã
9Ã2Ã$


Similar Part No. - MUBW30-12A6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW30-12A6K IXYS-MUBW30-12A6K Datasheet
272Kb / 5P
   Preliminary data
More results

Similar Description - MUBW30-12A6

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
   Converter - Brake - Inverter Module
logo
Powersem GmbH
PSIPM35-12 POWERSEM-PSIPM35-12 Datasheet
727Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW50-12E8 IXYS-MUBW50-12E8 Datasheet
91Kb / 4P
   Converter - Brake - Inverter Module
MUBW100-06A8 IXYS-MUBW100-06A8 Datasheet
98Kb / 4P
   Converter - Brake - Inverter Module
MUBW25-12A7 IXYS-MUBW25-12A7 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-12E7 IXYS-MUBW35-12E7 Datasheet
72Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com