Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR100-6ZL1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCR100-6ZL1G
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR100-6ZL1G Datasheet(HTML) 1 Page - ON Semiconductor

  MCR100-6ZL1G Datasheet HTML 1Page - ON Semiconductor MCR100-6ZL1G Datasheet HTML 2Page - ON Semiconductor MCR100-6ZL1G Datasheet HTML 3Page - ON Semiconductor MCR100-6ZL1G Datasheet HTML 4Page - ON Semiconductor MCR100-6ZL1G Datasheet HTML 5Page - ON Semiconductor MCR100-6ZL1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 6
1
Publication Order Number:
MCR100/D
MCR100 Series
Preferred Device
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
PNPN devices designed for high volume, line-powered consumer
applications such as relay and lamp drivers, small motor controls, gate
drivers for larger thyristors, and sensing and detection circuits.
Supplied in an inexpensive plastic TO-226AA package which is
readily adaptable for use in automatic insertion equipment.
Features
Sensitive Gate Allows Triggering by Microcontrollers and Other
Logic Circuits
Blocking Voltage to 600 V
On−State Current Rating of 0.8 Amperes RMS at 80°C
High Surge Current Capability − 10 A
Minimum and Maximum Values of IGT, VGT and IH Specified
for Ease of Design
Immunity to dV/dt − 20 V/msec Minimum at 110°C
Glass-Passivated Surface for Reliability and Uniformity
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCRs
0.8 A RMS
100 thru 600 V
Preferred devices are recommended choices for future use
and best overall value.
TO−92 (TO−226)
CASE 029
STYLE 10
3
2
1
PIN ASSIGNMENT
1
2
3
Gate
Anode
Cathode
K
G
A
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
x
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
MARKING
DIAGRAM
MCR
100−x
AYWW


Similar Part No. - MCR100-6ZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR100-6ZL1G ONSEMI-MCR100-6ZL1G Datasheet
68Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
March, 2007 ??Rev. 7
More results

Similar Description - MCR100-6ZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com