Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKC1860-404 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKC1860-404
Description  Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKC1860-404 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKC1860-404 Datasheet HTML 1Page - Vishay Siliconix MKC1860-404 Datasheet HTML 2Page - Vishay Siliconix MKC1860-404 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
99
MKC 1860*
Vishay Roederstein
Document Number 26028
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
Please note: these capacitors are not recommended for new designs
CAPACITANCE
CAPACITANCE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
CODE
CODE 06
CODE 01
CODE 25
CODE 40
63 VDC/
100 VDC/
250 VDC/
400 VDC/
40 VAC
63 VAC
160 VAC
200 VAC
DL
D
L
D
L
D
L
0.01 µF
- 310
6.0
14.0
0.015 µF
- 315
6.0
14.0
0.022 µF
- 322
6.0
14.0
0.033 µF
- 333
6.0
14.0
6.0
14.0
0.047 µF
- 347
6.0
14.0
7.0
14.0
0.068 µF
- 368
6.0
14.0
8.0
14.0
0.10 µF
- 410
6.0
14.0
7.0
14.0
7.5
19.0
0.15 µF
- 415
6.0
14.0
7.5
14.0
8.5
19.0
0.22 µF
- 422
6.0
14.0
6.0
14.0
7.0
19.0
8.5
26.5
0.33 µF
- 433
6.0
14.0
6.0
19.0
8.0
19.0
10.0
26.5
0.47 µF
- 447
7.0
14.0
7.0
19.0
9.5
19.0
11.5
26.5
0.68 µF
- 468
6.5
19.0
8.0
19.0
9.0
26.5
12.0
31.5
1.0 µF
- 510
7.5
19.0
9.0
19.0
10.5
26.5
14.5
31.5
1.5 µF
- 515
8.5
19.0
9.0
26.5
11.5
31.5
2.2 µF
- 522
9.0
19.0
10.5
26.5
13.5
31.5
3.3 µF
- 533
9.5
26.5
12.5
26.5
4.7 µF
- 547
11.0
26.5
13.0
31.5
6.8 µF
- 568
12.0
31.5
15.5
31.5
10 µF
- 610
14.0
31.5
17.5
31.5
Further C-values upon request
pcm = L + 3.5
DISSIPATION FACTOR TAN
MEASURED AT
C
0.1µF
0.1
µF < C 1.0µF
C > 1.0
µF
1kHz
3 x 10-3
3 x 10-3
3 x 10-3
10kHz
4 x 10-3
4 x 10-3
100kHz
10 x 10-3
——
Maximum values
δ
δδ
δδ
RECOMMENDED PACKAGING
LETTER
TYPE OF
REEL DIAMETER
ORDERING CODE
CODE
PACKAGING
(mm)
EXAMPLE
G
AMMO
MKC 1860-422/404-G
X
R
REEL
350
MKC 1860-422/404-R
X
BULK
MKC 1860-422/404
X
Metallized Polycarbonate, Related Document: IEC 60 384-6


Similar Part No. - MKC1860-404

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1860-404 VISHAY-MKC1860-404 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
MKC1860-404-G VISHAY-MKC1860-404-G Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
MKC1860-404-R VISHAY-MKC1860-404-R Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
More results

Similar Description - MKC1860-404

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1862 VISHAY-MKC1862 Datasheet
48Kb / 3P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
Revision 01-Dec-03
KC1850 VISHAY-KC1850 Datasheet
68Kb / 3P
   Polycarbonate Film Capacitor Related Document: IEC 60 384-12
Revision 01-Dec-03
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
MKP1846 VISHAY-MKP1846 Datasheet
46Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60 384-16
Revision 01-Dec-03
MKT1822 VISHAY-MKT1822 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor Related Document: IEC 60384-2
Revision 02-Dec-03
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 07-Feb-06
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1841 VISHAY-MKP1841 Datasheet
60Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com