Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


H8250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. H8250
Description  Universal Asynchronous Receiver/Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
H8250 Megafunction
Universal Asynchronous
Receiver/Transmitter
CAST, Inc.
June 2002
Page 1
General Description
The H8250 is a standard UART providing 100%
software compatibility with the popular Intel 8250
device. It performs serial-to-parallel conversion on
data originating from modems or other serial
devices, and performs parallel-to-serial
conversion on data from a CPU to these devices.
Developed for easy reuse in Altera FPGA
applications, the H8250 is available optimized for
several device families with competitive utilization
and performance characteristics.
Symbol
A(2:0)
CS
RD
WR
MR
CLK
DIN(7:0)
RCLK
SIN
CTSn
DSRn
DCDn
RIn
DOUT(7:0)
SOUT
DDIS
RTSn
DTRn
OUT1n
OUT2n
INTR
BOUDOUTn
RXRDY
TXRDY
H8250
Features
Capable of running all existing 8250 software
Adds or deletes standard asynchronous
communication bits (start, stop and parity) to
or from the serial data
Independently controlled transmit, receive,
line status and data set interrupts
Programmable baud generator divides any
input clock by 1 to (216 - 1) and generates the
16 x clock
Independent receiver clock input
Modem control functions (CTSn, RTSn, DSRn,
DTRn, RIn, and DCDn)
Fully programmable serial interface
characteristics:
o
5, 6, 7, or 8 bit characters
o
Even, odd, or no-parity bit generation and
detection
o
1, 1½, or 2 stop bit generation
o
Baud generation
False start bit detection
Complete status register
Internal diagnostic capabilities: loopback
controls for communications link fault isolation
Full prioritized interrupt system controls
Applications
Serial or modem computer interface
Serial interface within modems and other devices




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC16550DPC16550D Universal Asynchronous Receiver/Transmitter with FIFOs 1 2 3 4 5 MoreNational Semiconductor (TI)
SC28C94Quad universal asynchronous receiver/transmitter QUART 1 2 3 4 5 MoreNXP Semiconductors
ST16C450UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART 1 2 3 4 5 MoreExar Corporation
CDP1854High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
PC16552CDual Universal Asynchronous Receiver/Transmitter with FIFOs 1 2 3 4 5 MoreNational Semiconductor (TI)
SC28L202Dual universal asynchronous receiver/transmitter DUART 1 2 3 4 5 MoreNXP Semiconductors
HD6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreHarris Corporation
PC16552DDual Universal Asynchronous Receiver/Transmitter with FIFOs 1 2 3 4 5 MoreNational Semiconductor (TI)
SC28L923.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART 1 2 3 4 5 MoreNXP Semiconductors
INS8250PC16450C/NS16450 PC8250A/INS8250A UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl