Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA1-80MH Datasheet(PDF) 2 Page - Mini-Circuits

Part # MCA1-80MH
Description  Frequency Mixer WIDE BAND
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MCA1-80MH Datasheet(HTML) 2 Page - Mini-Circuits

  MCA1-80MH Datasheet HTML 1Page - Mini-Circuits MCA1-80MH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Performance Data at 25°C
RF
MHz
LO
MHz
Frequency
Conversion Loss
(dB)
Isolation L-R
(dB)
Isolation L-I
(dB)
VSWR RF port
(:1)
VSWR LO port
(:1)
LO
+13 dBm
LO
+13 dBm
LO
+13 dBm
LO
+13 dBm
LO
+13 dBm
Performance Charts
2800.00
2830.10
5.30
29.83
10.30
1.69
2.01
3100.00
3130.10
5.19
30.55
11.17
1.92
2.33
3400.00
3430.10
5.15
28.90
11.39
1.98
1.88
3700.00
3730.10
5.07
25.39
11.55
1.83
1.64
4000.00
4030.10
6.71
31.35
12.15
1.81
2.19
4300.00
4330.10
7.21
26.05
15.86
1.73
1.79
4600.00
4630.10
6.79
28.68
21.75
1.66
1.99
4900.00
4930.10
6.53
31.04
26.03
1.72
2.92
5200.00
5230.10
5.96
33.67
28.16
1.72
2.82
5500.00
5530.10
5.98
35.10
29.78
1.71
2.88
5800.00
5830.10
6.38
35.17
31.82
1.62
2.39
6100.00
6130.10
5.84
32.56
34.33
1.49
2.32
6400.00
6430.10
5.82
28.81
38.07
1.32
2.61
6700.00
6730.10
6.18
27.53
42.97
1.37
2.54
7000.00
7030.10
6.33
25.78
45.06
1.35
2.85
7300.00
7330.10
6.51
24.98
42.96
1.35
2.73
7600.00
7630.10
7.07
23.74
32.65
1.31
2.68
7800.00
7830.10
7.63
22.11
21.72
1.29
2.45
7900.00
7930.10
7.51
20.98
18.88
1.31
2.35
8000.00
8030.10
7.13
20.18
19.97
1.28
2.58
MCA1-80MH
CONVERSION LOSS
4
5
6
7
8
9
10
11
12
2800
3400
4000
4600
5200
5800
6400
7000
7600
8200
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
at IF Freq of 30 MHz
MCA1-80MH
ISOLATION L-R
0
10
20
30
40
50
60
2800
3400
4000
4600
5200
5800
6400
7000
7600
8200
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
MCA1-80MH
ISOLATION L-I
0
10
20
30
40
50
60
2800
3400
4000
4600
5200
5800
6400
7000
7600
8200
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
MCA1-80MH
C. LOSS (VARIABLE IF)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
MCA1-80MH
IP3
0
5
10
15
20
25
30
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
MCA1-80MH
LO VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2800
3400
4000
4600
5200
5800
6400
7000
7600
8200
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
MCA1-80MH
RF VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2800
3400
4000
4600
5200
5800
6400
7000
7600
8200
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
MCA1-80MH
IF VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
250
500
750
1000
1250
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
page 2 of 2
MCA1-80MH


Similar Part No. - MCA1-80MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H++ MINI-MCA1-80H+ Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H++ MINI-MCA1-80H+ Datasheet
261Kb / 1P
   FREQUENCY MIXERS
MCA1-80LH MINI-MCA1-80LH Datasheet
163Kb / 2P
   Frequency Mixer wide bacd Level 10 (LO Power 10dBm) 2800 to 8000 MHz
More results

Similar Description - MCA1-80MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SIM-63LH MINI-SIM-63LH Datasheet
434Kb / 2P
   Frequency Mixer wide band
SIM-43MH MINI-SIM-43MH Datasheet
348Kb / 2P
   Frequency Mixer wide band
ZX05-14H MINI-ZX05-14H Datasheet
312Kb / 2P
   Frequency Mixer wide band
ZX05-762H MINI-ZX05-762H Datasheet
300Kb / 2P
   Frequency Mixer wide band
MCA1-60MH MINI-MCA1-60MH Datasheet
176Kb / 2P
   Frequency Mixer WIDE BAND
SIM-722MH MINI-SIM-722MH Datasheet
349Kb / 2P
   Frequency Mixer wide band
SIM-792LH MINI-SIM-792LH Datasheet
354Kb / 2P
   Frequency Mixer wide band
SIM-24MH MINI-SIM-24MH Datasheet
371Kb / 2P
   Frequency Mixer wide band
SIM-153MH MINI-SIM-153MH Datasheet
389Kb / 2P
   Frequency Mixer wide band
ZX05-14 MINI-ZX05-14 Datasheet
276Kb / 2P
   Frequency Mixer wide band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com