Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5947BESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5947BESA
Description  Positive High-Voltage, Hot-Swap Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5947BESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5947BESA Datasheet HTML 1Page - Maxim Integrated Products MAX5947BESA Datasheet HTML 2Page - Maxim Integrated Products MAX5947BESA Datasheet HTML 3Page - Maxim Integrated Products MAX5947BESA Datasheet HTML 4Page - Maxim Integrated Products MAX5947BESA Datasheet HTML 5Page - Maxim Integrated Products MAX5947BESA Datasheet HTML 6Page - Maxim Integrated Products MAX5947BESA Datasheet HTML 7Page - Maxim Integrated Products MAX5947BESA Datasheet HTML 8Page - Maxim Integrated Products MAX5947BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers
_______________________________________________________________________________________
3
Note 1: All currents into the device are positive and all currents out of the device are negative. All voltages are referenced to
ground, unless otherwise noted.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +24V (MAX5947A/B/C), VCC = +48V (MAX5933A–MAX5933F), GND = 0V, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ON Hysteresis
VONHYST
80
mV
ON Input Bias Current
IINON
VON = 0V
-1
+1
µA
PWRGD Leakage Current
IOH
VPWRGD = 80V
10
µA
PWRGD Leakage Current
IOL
VPWRGD = 80V
10
µA
IO = 2mA
0.4
PWRGD/PWRGD Output Low
Voltage
IO = 4mA
2.5
V
SENSE Input Bias Current
ISENSE
VSENSE = 0V to VCC
-1
+3
µA
Thermal Shutdown
Temperature rising
+150
°C
Thermal Shutdown Hysteresis
20
°C
ON Low-to-GATE Low
Propagation Delay
tPHLON
CGATE = 0, Figures 1, 2
6
µs
ON High-to-GATE High
Propagation Delay
tPLHON
CGATE = 0, Figures 1, 2
1.7
µs
FB Low-to-PWRGD Low
Propagation Delay
tPHLFB
Figures 1, 3
3.2
µs
FB High-to-PWRGD High
Propagation Delay
tPLHFB
Figures 1, 3
1.5
µs
(VCC - VSENSE) High-to-GATE
Low Propagation Delay
tPHLSENSE
TA = +25°C, CGATE = 0, Figures 1, 4
0.5
2
µs


Similar Part No. - MAX5947BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940A-MAX5940B MAXIM-MAX5940A-MAX5940B Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940AESA MAXIM-MAX5940AESA Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940AESA MAXIM-MAX5940AESA Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
More results

Similar Description - MAX5947BESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com